Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 26Page - Texas Instruments PCI7620 Datasheet HTML 27Page - Texas Instruments PCI7620 Datasheet HTML 28Page - Texas Instruments PCI7620 Datasheet HTML 29Page - Texas Instruments PCI7620 Datasheet HTML 30Page - Texas Instruments PCI7620 Datasheet HTML 31Page - Texas Instruments PCI7620 Datasheet HTML 32Page - Texas Instruments PCI7620 Datasheet HTML 33Page - Texas Instruments PCI7620 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 248 page
background image
2–9
Table 2–3. 16-Bit PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL
NAME
TERMINAL
NUMBER
B_CE2
L15
FILTER0
U17
MS_DATA2
G03
TEST0
R19
B_D0
A17
FILTER1
U18
MS_DATA3
H07
TPA0N
W14
B_D1
E14
GND
H08
MS_SDIO(DATA0)
G01
TPA0P
V14
B_D2
C15
GND
H09
NC
M12
TPA1N
W18
B_D3
P17
GND
H11
NC
N13
TPA1P
V18
B_D4
P19
GND
J09
NC
P14
TPBIAS0
U14
B_D5
M15
GND
J10
NC
P15
TPBIAS1
V19
B_D6
N18
GND
J11
NC
R14
TPB0N
W13
B_D7
L13
GND
J12
NC
U16
TPB0P
V13
B_D8
B16
GND
K09
PAR
N09
TPB1N
W16
B_D9
A16
GND
K10
PCLK
R01
TPB1P
V16
B_D10
E13
GND
K11
PC0(TEST1)
N12
TRDY
V06
B_D11
P18
GND
L08
PC1(TEST2)
U12
VCC
G07
B_D12
M14
GND
L09
PC2(TEST3)
V12
VCC
G08
B_D13
N17
GND
L10
PERR
U07
VCC
G11
B_D14
N19
GND
L11
PHY_TEST_MA
R17
VCC
G12
B_D15
M19
GND
L12
PRST
P03
VCC
G13
B_INPACK
E17
GND
M08
REQ
T01
VCC
H10
B_IORD
L17
GND
M09
RI_OUT/PME
R03
VCC
H12
B_IOWR
K13
GND
M10
RSVD
H05
VCC
J08
B_OE
L19
GND
U09
RSVD
J05
VCC
K08
B_READY(IREQ)
B19
GNT
R02
RSVD
J06
VCC
K12
B_REG
D18
GRST
N05
RSVD
K01
VCC
M07
B_RESET
E19
IDSEL
V03
RSVD
K02
VCC
M11
B_WAIT
B18
IRDY
U06
RSVD
K03
VCC
M13
B_WE
H19
LATCH
M02
R0
W15
VCC
N08
B_WP(IOIS16)
B17
MC_CD_0
E02
R1
V15
VCCA
A04
B_VS1
C18
MC_CD_1
E01
SCL
K07
VCCA
A10
B_VS2
F18
MC_PWR_CTRL_0
F01
SDA
L03
VCCB
D19
CLK_48
L02
MC_PWR_CTRL_1
F03
SD_CLK
H01
VCCB
K19
CLOCK
L05
MFUNC0
M03
SD_CMD
H02
VCCP
V01
CNA
R18
MFUNC1
L06
SD_DAT0
H03
VCCP
W08
CPS
P12
MFUNC2
N01
SD_DAT1
J07
VDPLL
U19
C/BE0
U10
MFUNC3
N02
SD_DAT2
J01
VR_EN
L01
C/BE1
P09
MFUNC4
N03
SD_DAT3
J02
VR_PORT
J19
C/BE2
R07
MFUNC5
M05
SD_WP
J03
VR_PORT
K05
C/BE3
W02
MFUNC6
P01
SERR
V07
VSPLL
T17
DATA
M01
MS_BS
F02
SPKROUT
L07
XI
T18
DEVSEL
R08
MS_CLK
G05
STOP
W06
XO
T19
FRAME
W05
MS_DATA1
G02
SUSPEND
P02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com