Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 70 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 66Page - Texas Instruments PCI7620 Datasheet HTML 67Page - Texas Instruments PCI7620 Datasheet HTML 68Page - Texas Instruments PCI7620 Datasheet HTML 69Page - Texas Instruments PCI7620 Datasheet HTML 70Page - Texas Instruments PCI7620 Datasheet HTML 71Page - Texas Instruments PCI7620 Datasheet HTML 72Page - Texas Instruments PCI7620 Datasheet HTML 73Page - Texas Instruments PCI7620 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 248 page
background image
3–25
•
D1 – Low-power state
•
D2 – Low-power state
•
D3hot – Low-power state. Transition state before D3cold
•
D3cold – PME signal-generation capable. Main power is removed and VAUX is available.
•
D3off – No power and completely nonfunctional
NOTE 1: In the D0-uninitialized state, the PCI7x20 device does not generate PME and/or interrupts. When bits 0 (IO_EN) and 1 (MEM_EN) of
the command register (PCI offset 04h, see Section 4.4) are both set, the PCI7x20 device switches the state to D0-active. Transition
from D3cold to the D0-uninitialized state happens at the deassertion of PRST. The assertion of GRST forces the controller to the
D0-uninitialized state immediately.
NOTE 2: The PWR_STATE bits (bits 1–0) of the power-management control/status register (PCI offset A4h, see Section 4.44) only code for four
power states, D0, D1, D2, and D3hot. The differences between the three D3 states is invisible to the software because the controller
is not accessible in the D3cold or D3off state.
Similarly, bus power states of the PCI bus are B0–B3. The bus power states B0–B3 are derived from the device power
state of the originating bridge device.
For the operating system (OS) to manage the device power states on the PCI bus, the PCI function must support four
power-management operations. These operations are:
•
Capabilities reporting
•
Power status reporting
•
Setting the power state
•
System wake-up
The OS identifies the capabilities of the PCI function by traversing the new capabilities list. The presence of
capabilities in addition to the standard PCI capabilities is indicated by a 1 in bit 4 (CAPLIST) of the status register (PCI
offset 06h, see Section 4.5).
The capabilities pointer provides access to the first item in the linked list of capabilities. For the PCI7x20 device, a
CardBus bridge with PCI configuration space header type 2, the capabilities pointer is mapped to an offset of 14h.
The first byte of each capability register block is required to be a unique ID of that capability. PCI power management
has been assigned an ID of 01h. The next byte is a pointer to the next pointer item in the list of capabilities. If there
are no more items in the list, then the next item pointer must be set to 0. The registers following the next item pointer
are specific to the capability of the function. The PCI power-management capability implements the register block
outlined in Table 3–15.
Table 3–15. Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
A0h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
A4h
The power-management capabilities register (PCI offset A2h, see Section 4.43) provides information on the
capabilities of the function related to power management. The power-management control/status register (PCI offset
A4h, see Section 4.44) enables control of power-management states and enables/monitors power-management
events. The data register is an optional register that can provide dynamic data.
For more information on PCI power management, see the PCI Bus Power Management Interface Specification for
PCI to CardBus Bridges.
3.9.9.2 OHCI 1394 (Function 2) Power Management
The PCI7x20 device complies with the PCI Bus Power Management Interface Specification. The device supports the
D0 (unitialized), D0 (active), D1, D2, and D3 power states as defined by the power management definition in the 1394
Open Host Controller Interface Specification, Appendix A4.
Table 3–16. Function 2 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com