Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 35 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 31Page - Texas Instruments PCI7620 Datasheet HTML 32Page - Texas Instruments PCI7620 Datasheet HTML 33Page - Texas Instruments PCI7620 Datasheet HTML 34Page - Texas Instruments PCI7620 Datasheet HTML 35Page - Texas Instruments PCI7620 Datasheet HTML 36Page - Texas Instruments PCI7620 Datasheet HTML 37Page - Texas Instruments PCI7620 Datasheet HTML 38Page - Texas Instruments PCI7620 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 248 page
background image
2–14
Table 2–9. Multifunction and Miscellaneous Terminals
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
I/O
DESCRIPTION
CLK_48
L02
I
Reserved for future 48-MHz clock terminal
MFUNC0
M03
I/O
Multifunction terminal 0. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC1
L06
I/O
Multifunction terminal 1. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC2
N01
I/O
Multifunction terminal 2. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC3
N02
I/O
Multifunction terminal 3. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC4
N03
I/O
Multifunction terminal 4. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC5
M05
I/O
Multifunction terminal 5. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
MFUNC6
P01
I/O
Multifunction terminal 6. See Section 4.36, Multifunction Routing Status Register, for configuration
details.
PHY_TEST_MA
R17
I
PHY test pin. Not for customer use. It must be pulled high with a 4.7-k
Ω resistor.
RI_OUT/PME
R03
O
Ring indicate out and power management event output. This terminal provides an output for
ring-indicate or PME signals.
RSVD
H05, J05,
J06, K01,
K02, K03
Reserved. These terminals have no connection anywhere within the package.
SCL
K07
I/O
Serial clock. At PRST, the SCL signal is sampled to determine if a two-wire serial ROM is present. If
the serial ROM is detected, then this terminal provides the serial clock signaling and is implemented
as open-drain. For normal operation (a ROM is implemented in the design), this terminal must be pulled
high to the ROM VDD with a 2.7-kΩ resistor. Otherwise, it must be pulled low to ground with a 220-Ω
resistor.
SDA
L03
I/O
Serial data. This terminal is implemented as open-drain, and for normal operation (a ROM is
implemented in the design), this terminal must be pulled high to the ROM VDD with a 2.7-kΩ resistor.
Otherwise, it must be pulled low to ground with a 220-
Ω resistor.
SPKROUT
L07
O
Speaker output. SPKROUT is the output to the host system that can carry SPKR or CAUDIO through
the PCI7x20 device from the PC Card interface. SPKROUT is driven as the exclusive-OR combination
of card SPKR//CAUDIO inputs.
SUSPEND
P02
I
Suspend. SUSPEND protects the internal registers from clearing when the GRST or PRST signal is
asserted. See Section 3.9.6, Suspend Mode, for details.
TEST0
R19
I/O
Terminal TEST0 is used for factory test of the device and must be connected to ground for normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com