| Electronic Components Datasheet Search |
|
PCI7620 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7620 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 248 page ![]() 1–5 1.5 Terms and Definitions Terms and definitions used in this document are given in Table 1–1. Table 1–1. Terms and Definitions TERM DEFINITIONS AT AT (advanced technology, as in PC AT) attachment interface ATA driver An existing host software component that loads when any flash media adapter and card is inserted into a PC Card socket. This driver is logically attached to a predefined CIS provided by the PCI7x20 device when the adapter and media are both inserted. CIS Card information structure. Tuple list defined by the PC Card standard to communicate card information to the host computer CSR Control and status register Flash Media Memory Stick, MMC, or SD/MMC Flash operating in an ATA compatible mode ISO/IEC 7816 The Smart Card standard Memory Stick A small-form-factor flash interface that is defined, promoted, and licensed by Sony MMC MultiMediaCard. Specified by the MMC Association, and scope is encompassed by the SD Flash specification. OHCI Open host controller interface PCMCIA Personal Computer Memory Card International Association. Standards body that governs the PC Card standards RSVD Reserved for future use SD Flash Secure Digital Flash. Standard governed by the SD Association Smart Card The name applied to ID cards containing integrated circuits, as defined by ISO/IEC 7816-1 SPI Serial peripheral interface, a general-purpose synchronous serial interface. For more information, see the Multimedia Card System Specification, version 3.2. TI Smart Card driver A qualified software component provided by Texas Instruments that loads when an UltraMedia-based Smart Card adapter is inserted into a PC Card slot. This driver is logically attached to a CIS provided by the PCI7620 when the adapter and media are both inserted. UltraMedia De facto industry standard promoted by Texas Instruments that integrates CardBus, Smart Card, Memory Stick, and MultiMediaCard/Secure Digital functionality into one controller. 1.6 Ordering Information ORDERING NUMBER NAME VOLTAGE PACKAGE PCI7620 Dual Socket CardBus and Smart Card Controller with Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller and Dedicated SD/MS-Pro Sockets 3.3-V, 5-V tolerant I/Os 288-ball PBGA (GHK/ZHK) PCI7420 Dual Socket CardBus Controller with Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller and Dedicated SD/MS-Pro Sockets 3.3-V, 5-V tolerant I/Os 288-ball PBGA (GHK/ZHK) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |