Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 40Page - STMicroelectronics ST25DV Datasheet HTML 41Page - STMicroelectronics ST25DV Datasheet HTML 42Page - STMicroelectronics ST25DV Datasheet HTML 43Page - STMicroelectronics ST25DV Datasheet HTML 44Page - STMicroelectronics ST25DV Datasheet HTML 45Page - STMicroelectronics ST25DV Datasheet HTML 46Page - STMicroelectronics ST25DV Datasheet HTML 47Page - STMicroelectronics ST25DV Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
44/220
DocID027603 Rev 4
5.2
GPO
GPO signal is used to alert the I2C host of external RF events or ST25DVxxx processes
activity. Several causes could be used to request a host interruption. RF user can also
directly drive GPO pin level using a dedicated RF command.
5.2.1
ST25DVxxx interrupt capabilities on RF events
ST25DVxxx supports multi interruption mode and can report several events occurring
through RF interface.
In this chapter, all drawings are referring to the open drain version of GPO output
(ST25DVxxK-IE).
The reader can retrieve the behavior of CMOS version (ST25DVxxK-JF) by inverting the
GPO curve polarity and replace in text “released” or “high-Z” by “pull to ground”.
Supported RF events is listed hereafter:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com