Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 37Page - STMicroelectronics ST25DV Datasheet HTML 38Page - STMicroelectronics ST25DV Datasheet HTML 39Page - STMicroelectronics ST25DV Datasheet HTML 40Page - STMicroelectronics ST25DV Datasheet HTML 41Page - STMicroelectronics ST25DV Datasheet HTML 42Page - STMicroelectronics ST25DV Datasheet HTML 43Page - STMicroelectronics ST25DV Datasheet HTML 44Page - STMicroelectronics ST25DV Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 220 page
background image
DocID027603 Rev 4
41/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Figure 10. I2C to RF fast transfer mode operation
VCC supply source is mandatory to activate this feature.
No precedence rule is applied: the first request is served first.
Adding a message is only possible when fast transfer mode is enabled (MB_EN=1) and
mailbox is free (HOST_PUT_MSG and RF_PUT_MSG cleared, which is the case after POR
or after complete reading of I2C message by RF, and complete reading of RF message by
I2C).
A watchdog limits the message availability in time: when a time-out occurs, the mailbox is
considered free, and the HOST_MISS_MSG or RF_MISS_MSG bits is set into
MB_CTRL_Dyn register. The data contained in the mailbox is not cleared after a read or
after the watchdog has been triggered: message data is still available for read and until fast
transfer mode is disabled. HOST_CURRENT_MSG and RF_CURRENT_MSG bits are
indicating the source of the current data.
The message is stored in a buffer (256 Bytes), and the write operation is done immediately. .
Caution:
The data written in user or system memory (EEPROM), either from I2C or from RF, transits
via the 256-Bytes fast transfer mode's buffer. Consequently fast transfer mode must be
deactivated (MB_EN=0) before starting any write operation in user or system memory,
otherwise command will be NotACK for I2C or get an answer 0Fh for RF and programming
is not done.
I2C access to mailbox
The access by I2C can be done by dedicated address mapping to mailbox (2008h to 2107h)
with device identifier E2 = 0.
I2C reading operation does not support rollover. Therefore data out is set to FFh when the
counter reaches the message end.
The RF_PUT_MSG is cleared after reaching the STOP consecutive to reading the last
message byte, and the mailbox is considered free (but the message is not cleared and it is
still present in the mailbox).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com