Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 76Page - STMicroelectronics ST25DV Datasheet HTML 77Page - STMicroelectronics ST25DV Datasheet HTML 78Page - STMicroelectronics ST25DV Datasheet HTML 79Page - STMicroelectronics ST25DV Datasheet HTML 80Page - STMicroelectronics ST25DV Datasheet HTML 81Page - STMicroelectronics ST25DV Datasheet HTML 82Page - STMicroelectronics ST25DV Datasheet HTML 83Page - STMicroelectronics ST25DV Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
80/220
DocID027603 Rev 4
For blocks 0 and 1 (Bytes 0000h to 0007h in I2C user memory), lock status can also be read
in the LOCK_CCFILE register.
5.6.4
System memory protection
By default, system memory (static registers) is write protected, both in RF and I2C.
I2C host must open the I2C security session (by presenting a valid I2C password) to enable
write access to system configuration static registers.
I2C host doesn’t have read or write access to RF passwords.
By default, I2C host can read all system configuration static registers (except RF passwords)
In RF, to enable write access to system configuration static registers, RF user must open the
RF configuration security session (by presenting a valid RF password 0) and system
configuration must not be locked (LOCK_CFG=00h).
RF doesn’t have read or write access to I2C password.
By default, RF user can read all system configuration static registers, except all passwords,
LOCK_CCFILE, LOCK_DSFID and LOCK_AFI.
RF configuration lock:
•
RF write access to system configuration static registers can be locked by writing 01h in
the LOCK_CFG register (by RF or I2C).
•
RF user cannot unlock system configuration if LOCK_CFG=01h, even after opening RF
configuration security session (only I2C host can unlock system configuration).
•
When system configuration is locked (LOCK_CFG=01h), it is still possible to change
RF passwords (0 to 3).
Device identification registers:
•
AFI and DFSID registers can be independently locked by RF user, issuing respectively
a Lock AFI and a Lock DSFID command. Lock is definitive: once locked, AFI and
DSFID registers cannot be unlocked (either by RF or I2C). System configuration
locking mechanism (LOCK_CFG=01h) does not lock AFI and DSFID registers.
•
Other device identification registers (MEM_SIZE, BLK_SIZE, IC_REF, UID, IC_REV)
are read only registers for both RF and I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com