Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 75Page - STMicroelectronics ST25DV Datasheet HTML 76Page - STMicroelectronics ST25DV Datasheet HTML 77Page - STMicroelectronics ST25DV Datasheet HTML 78Page - STMicroelectronics ST25DV Datasheet HTML 79Page - STMicroelectronics ST25DV Datasheet HTML 80Page - STMicroelectronics ST25DV Datasheet HTML 81Page - STMicroelectronics ST25DV Datasheet HTML 82Page - STMicroelectronics ST25DV Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 220 page
background image
DocID027603 Rev 4
79/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Note:
Setting 00b in PWD_CTRL_Ai field means that RF user security session cannot be open by
any password for the corresponding area.
When updating RFAiSS registers, the new protection value is effective immediately after the
register write completion.
•
Rf blocks 0 and 1 are exceptions to this protection mechanism:
–
RF blocks 0 and 1 can be individually write locked by issuing a (Ext) Lock Single
Block RF command. Once locked, they cannot be unlock through RF.
LOCK_CCFILE register is automatically updated when using (Ext) Lock Single
Block command.
–
A RF user needs no password to lock blocks 0 and/or 1.
–
Locking blocks 0 and/or 1 is possible even if the configuration is locked
(LOCK_CFG=1).
–
Locking blocks 0 and/or 1 is possible even if the area is write locked.
–
Unlocking area1 (through RFA1SS register) does not unlock blocks 0 and 1 if they
have been locked though (Ext) Lock Block command.
–
Once locked, the RF user cannot unlock blocks 0 and/or 1 (can be done by I2C
host).
Note:
When areas size are modified (ENDAi registers), RFAiSS registers are not modified.
User memory protection from I2C access
In I2C mode, each area can also have individual Read/Write access conditions, but only one
I2C password is used to unlock I2C security session for all areas.
The I2CSS register is used to set protection against read and write operation for each area
(see Table 32: I2CSS for details about available read and write protections).
When updating I2CSS registers, the new protection value is effective immediately after the
register write completion.
I2C user memory Bytes 0000h to 0003h (RF Block 0) and 0004h to 0007h (RF Block 1) can
be individually locked and unlocked by writing in the LOCK_CCFILE register (by group of 4
Bytes), independently of Area 1 protection. Unlocking Area 1 (through I2CSS register) does
not unlock those bytes if they have been locked though the LOCK_CCFILE register.
Note:
When areas size are modified (ENDAi registers), I2CSS register is not modified.
Retrieve the security status of a user memory block or byte
RF user can read a block security status by issuing following RF commands:
•
(Ext) Get Multiple Blocks Security Status command.
•
(Ext) (Fast) Read Single Block with option flag set to 1.
•
(Ext) (Fast) Read Multiple Blocks with option flag set to 1.
ST25DV will respond with a Block security status containing a Lock_bit flag as specified in
ISO 15693 standard. This lock_bit flag is set to one if block is locked against write.
Lock_bit flag value may vary if corresponding RF user security session is open or closed.
I2C host can retrieve a block security status by reading the I2CSS register to get security
status of the corresponding area and by reading the I2C_SSO_Dyn register to know if I2C
security session is open or closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com