Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 19Page - STMicroelectronics ST25DV Datasheet HTML 20Page - STMicroelectronics ST25DV Datasheet HTML 21Page - STMicroelectronics ST25DV Datasheet HTML 22Page - STMicroelectronics ST25DV Datasheet HTML 23Page - STMicroelectronics ST25DV Datasheet HTML 24Page - STMicroelectronics ST25DV Datasheet HTML 25Page - STMicroelectronics ST25DV Datasheet HTML 26Page - STMicroelectronics ST25DV Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 220 page
background image
DocID027603 Rev 4
23/220
ST25DV04K ST25DV16K ST25DV64K
Power management
219
t_boot time necessary to ST25DVxxx set-up has passed. In the version supporting LPD pin,
the boot will take place only when LPD goes low.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops
below the power-on reset threshold voltage, the device stops responding to any instruction
sent to it, and I2C address counter is reset.
Power-down mode
During power-down (continuous decay of VCC), the device must be in Standby power mode
(mode reached after decoding a Stop condition, assuming that there is no internal write
cycle in progress).
3.2
Contactless interface
Device set in RF mode
To ensure a proper boot of the RF circuitry, the RF field must be turned ON without any
modulation for a minimum period of time tRF_ON. Before this time, ST25DVxxx will ignore all
received RF commands. (See Figure 6: ST25DVxxx RF Power Up sequence (No DC
supply)).
Device reset in RF mode
To ensure a proper reset of the RF circuitry, the RF field must be turned off (100%
modulation) for a minimum tRF_OFF period of time.
The RF access can be temporarily or indefinitely disabled by setting the appropriate value in
the RF disable register.
Figure 6. ST25DVxxx RF Power Up sequence (No DC supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com