Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 56Page - STMicroelectronics ST25DV Datasheet HTML 57Page - STMicroelectronics ST25DV Datasheet HTML 58Page - STMicroelectronics ST25DV Datasheet HTML 59Page - STMicroelectronics ST25DV Datasheet HTML 60Page - STMicroelectronics ST25DV Datasheet HTML 61Page - STMicroelectronics ST25DV Datasheet HTML 62Page - STMicroelectronics ST25DV Datasheet HTML 63Page - STMicroelectronics ST25DV Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
60/220
DocID027603 Rev 4
5.3.2
Energy harvesting feature description
The usage of Energy Harvesting element can be defined in configuration register
EH_MODE. When the Energy harvesting mode is disabled or the RF field strength is not
sufficient, the energy harvesting analog voltage output V_EH is in High-Z state.
EH_MODE Static Register is used to define the Energy Harvesting default strategy after
boot.
At boot EH_EN (in EH_CTRL_Dyn register) is set depending EH_MODE value as shown in
table below:
Writing 0 in EH_MODE at any time after boot will automatically set EH_EN bit to 1, and thus
activate energy harvesting.
Writing 1 in EH_MODE at any time after boot will not modify EH_EN bit (until next reboot)
and thus will not modify energy harvesting current state.
EH_CTRL_Dyn allows to activate or deactivate on the fly the Energy harvesting (EH_EN)
and bring information on actual state of EH and state of power supplies :
•
EH_ON set reflects the EH_EN bit value
•
FIELD_ON is set in presence of a RF field
•
VCC_ON is set when Host power supply is on, and low power-down mode is not
forced.
During boot, EH is not delivered to avoid alteration in device configuration.
Caution:
Communication is not guaranteed during EH delivery. Refer to the application note AN4913
(Energy harvesting delivery impact on ST25DVxxx behavior during RF communication).
Energy harvesting can be set even if ST25DVxxx is in RF disabled or RF Sleep mode, or in
Low power mode. In all these cases, ST25DVxxx will deliver power on V_EH pin if RF field
is present. Energy harvesting voltage output is not regulated.
1. Refer to Table 9: Dynamic registers memory map for the EH_CTRL_Dyn register.
Table 25. Energy harvesting at power-up
EH_MODE
EH_EN (at boot)
Energy harvesting at power-up
0
1
EH enabled after boot (when possible)
10
EH disabled initially,
EH delivered on demand (when possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com