Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 60Page - STMicroelectronics ST25DV Datasheet HTML 61Page - STMicroelectronics ST25DV Datasheet HTML 62Page - STMicroelectronics ST25DV Datasheet HTML 63Page - STMicroelectronics ST25DV Datasheet HTML 64Page - STMicroelectronics ST25DV Datasheet HTML 65Page - STMicroelectronics ST25DV Datasheet HTML 66Page - STMicroelectronics ST25DV Datasheet HTML 67Page - STMicroelectronics ST25DV Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
64/220
DocID027603 Rev 4
At boot time, and each time RF_MNGT register it is updated, content of RF_MNGT_Dyn
register is copied from RF_MNGT register. The content of RF_MNGT_Dyn register is used
during application to set ST25DVxxx behavior.
Content of this dynamic register RF_MNGT_Dyn can be updated on the fly, to temporarily
modify the behavior of ST25DVxxx without affecting the static value of RF_MNGT which will
be recovered at next POR.
RF_MNGT register is composed of two bits (see Table 27: RF_MNGT_Dyn): RF_DISABLE
and RF_SLEEP
For a normal usage of RF interface, bits RF_SLEEP and RF_DISABLE must be set to 0.
For RF are offered three modes:
•
RF sleep mode:
–
When RF_SLEEP is set to 1, all RF communications are disabled, RF interface
doesn’t interpret commands, but minimizes consumption of RF interface.
•
RF disable mode:
–
When RF_SLEEP is set to 0 and RF_DISABLE is set to 1, RF commands are
interpreted but not executed. In case of a valid command, ST25DV will respond
after t1 with the error code 0Fh. Inventory and Stay Quiet commands are not
answered.
•
RF normal mode:
–
In normal usage, RF_SLEEP and RF_DISABLE are set to 0, ST25DVxxx will
process the request and respond accordingly when I2C is not accessing
ST25DVxxx. If I2C is busy, ST25DV will respond to RF request with the error code
0Fh.
Whatever RF_MNGT register value, the Field detection remains available leaving to master
the possibility to temporarily open RF communication by overwriting value in
RF_MNGT_Dyn dynamic register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com