Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 96Page - STMicroelectronics ST25DV Datasheet HTML 97Page - STMicroelectronics ST25DV Datasheet HTML 98Page - STMicroelectronics ST25DV Datasheet HTML 99Page - STMicroelectronics ST25DV Datasheet HTML 100Page - STMicroelectronics ST25DV Datasheet HTML 101Page - STMicroelectronics ST25DV Datasheet HTML 102Page - STMicroelectronics ST25DV Datasheet HTML 103Page - STMicroelectronics ST25DV Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
100/220
DocID027603 Rev 4
Frequency
The ISO 15693 standard defines the carrier frequency (fC) of the operating field as 13.56
MHz ±7 kHz.
7.2
RF communication and energy harvesting
As the current consumption can affect the AC signal delivered by the antenna, RF
communications with ST25DVxxx are not guaranteed during voltage delivery on the energy
harvesting analog output V_EH.
RF communication can disturb and possibly stop Energy Harvesting mode.
7.3
Fast transfer mode mailbox access in RF
Thanks to dedicated commands, the RF interface has the possibility to check Mailbox
availability, and the capability to access it directly to put or get a message from it (see
Section 5.1: Fast transfer mode (FTM) for specific features).
7.4
RF protocol description
7.4.1
Protocol description
The transmission protocol (or simply “the protocol”) defines the mechanism used to
exchange instructions and data between the VCD (Vicinity Coupling Device) and the
ST25DVxxx in both directions. It is based on the concept of “VCD talks first”.
This means that a ST25DVxxx does not start transmitting unless it has received and
properly decoded an instruction sent by the VCD. The protocol is based on an exchange of:
•
a request from the VCD to the ST25DVxxx,
•
a response from the ST25DVxxx to the VCD.
Each request and each response are contained in a frame. The frame are delimited by a
Start of Frame (SOF) and End of Frame (EOF).
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight
(8), that is an integer number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is
transmitted least significant byte (LSByte) first and each byte is transmitted least significant
bit (LSBit) first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com