Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 91Page - STMicroelectronics ST25DV Datasheet HTML 92Page - STMicroelectronics ST25DV Datasheet HTML 93Page - STMicroelectronics ST25DV Datasheet HTML 94Page - STMicroelectronics ST25DV Datasheet HTML 95Page - STMicroelectronics ST25DV Datasheet HTML 96Page - STMicroelectronics ST25DV Datasheet HTML 97Page - STMicroelectronics ST25DV Datasheet HTML 98Page - STMicroelectronics ST25DV Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 220 page
background image
DocID027603 Rev 4
95/220
ST25DV04K ST25DV16K ST25DV64K
I2C operation
219
Figure 29. Read mode sequences
6.5.3
Sequential Read access
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition, as shown in Figure 29: Read mode sequences.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output.
Sequential read in user memory:
•
Sequential read cannot cross area borders. After reaching area border, device
continues to output FFh
•
There is no roll over inside area or at the end of user memory (ST25DVxxx returns only
FFh after last user memory byte address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com