Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 20Page - STMicroelectronics ST25DV Datasheet HTML 21Page - STMicroelectronics ST25DV Datasheet HTML 22Page - STMicroelectronics ST25DV Datasheet HTML 23Page - STMicroelectronics ST25DV Datasheet HTML 24Page - STMicroelectronics ST25DV Datasheet HTML 25Page - STMicroelectronics ST25DV Datasheet HTML 26Page - STMicroelectronics ST25DV Datasheet HTML 27Page - STMicroelectronics ST25DV Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 220 page
background image
Memory management
ST25DV04K ST25DV16K ST25DV64K
24/220
DocID027603 Rev 4
4
Memory management
4.1
Memory organization overview
The ST25DVxxx memory is divided in four main memory areas:
•
User memory
•
Dynamic registers
•
Fast transfer mode buffer
•
System configuration area
The ST25DVxxx user memory can be divided into 4 flexible user areas. Each area can be
individually read - and/or - write-protected with one out of three specific 64-bit password.
The ST25DVxxx dynamic registers are accessible by RF or I2C host and provide dynamic
activity status or allow temporary activation or deactivation of some ST25DVxxx features.
The ST25DVxxx also provides a 256 byte fast transfer mode buffer, acting as a mailbox
between RF and I2C interface, allowing fast data transfer between contact and contactless
worlds.
Finally, the ST25DVxxx system configuration area contains static registers to configure all
ST25DVxxx features, which can be tuned by user. Its access is protected by a 64 bit
configuration password.
This system configuration area also includes read only device information such as IC
reference, memory size or IC revision, as well as a 64-bit block that is used to store the 64-
bit unique identifier (UID), and the AFI (default 00h) and DSFID (default 00h) registers. The
UID is compliant with the ISO 15693 description, and its value is used during the
anticollision sequence (Inventory). The UID value is written by ST on the production line.
The AFI register stores the application family identifier. The DSFID register stores the data
storage family identifier used in the anticollision algorithm.
The system configuration area includes five additional 64-bit blocks that store an I2C
password plus three RF user area access passwords and a RF configuration password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com