Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 38Page - STMicroelectronics ST25DV Datasheet HTML 39Page - STMicroelectronics ST25DV Datasheet HTML 40Page - STMicroelectronics ST25DV Datasheet HTML 41Page - STMicroelectronics ST25DV Datasheet HTML 42Page - STMicroelectronics ST25DV Datasheet HTML 43Page - STMicroelectronics ST25DV Datasheet HTML 44Page - STMicroelectronics ST25DV Datasheet HTML 45Page - STMicroelectronics ST25DV Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
42/220
DocID027603 Rev 4
A I2C reading operation will never clear HOST_PUT_MSG, and the message remains
available for RF.
An I2C read can start at any address inside the mailbox (between address 2008h and
2107h).
A I2C write operation must start from the first mailbox location, at address 2008h. After
reaching the Mailbox border at address 2107h all bytes are NACK and the command is not
executed (rollover feature not supported).
At the end of a successful I2C message write, the message length is automatically set into
MB_LEN_Dyn register, and HOST_PUT_MSG bit is set into MB_CTRL_Dyn register, and
the write access to the mailbox is not possible until the mailbox has been released again.
RF access to mailbox
The RF Control & Access to mailbox is possible using dedicated custom commands:
•
Read Dynamic Configuration and Fast Read Dynamic Configuration to check
availability of mailbox.
•
Write Dynamic Configuration and Fast Write Dynamic configuration to enable or
disable fast transfer mode.
•
Read Message Length and Fast Read Message Length to get the length of the
contained message,
•
Read Message and Fast Read Message to download the content of the mailbox,
•
Write Message and Fast Write Message to put a new message in mailbox. (New length
is automatically updated after completion of a successful Write Message or Fast Write
Message command).
HOST_PUT_MSG is cleared following a valid reading of the last message byte, and mailbox
is considered free (but message is not cleared and is still present in the mailbox).
A RF read can start at any address of inside the message, but return an error 0Fh if trying to
read after the last byte of the message.
A RF reading operation will never clear RF_PUT_MSG , the message will remain available
for I2C.
At the end of a successful RF message write, the message length is automatically set in
MB_LEN_Dyn register, and RF_PUT_MSG bit is set in MB_CTRL_Dyn register. and write
access to the mailbox is not possible until mailbox has been freed again.
The presence of a DC supply is mandatory to get RF access to the mailbox. VCC_ON can
be checked reading the dynamic register EH_CTRL_Dyn.
To get more details about sequences to prepare and initiate a Fast Transfer, to detect
progress of a fast transfer or to control and execute a fast transfer, please refer to AN4910.
How to exchange data between wired (I2C) and wireless world (RF ISO15693) using fast
transfer mode supported by ST25DVxxx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com