Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 32Page - STMicroelectronics ST25DV Datasheet HTML 33Page - STMicroelectronics ST25DV Datasheet HTML 34Page - STMicroelectronics ST25DV Datasheet HTML 35Page - STMicroelectronics ST25DV Datasheet HTML 36Page - STMicroelectronics ST25DV Datasheet HTML 37Page - STMicroelectronics ST25DV Datasheet HTML 38Page - STMicroelectronics ST25DV Datasheet HTML 39Page - STMicroelectronics ST25DV Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
36/220
DocID027603 Rev 4
5
ST25DVxxx specific features
ST25DVxxx offers the following features:
•
A fast transfer mode (FTM), to achieve a fast link between RF and contact worlds, via a
256 byte buffer called Mailbox. This mailbox dynamic buffer of 256 byte can be filled or
emptied via either RF or I2C.
•
A GPO pin, which indicates incoming event to the contact side, like RF Field changes,
RF activity in progress, RF writing completion or Mailbox message availability.
•
An Energy Harvesting element to deliver µW of power when external conditions make it
possible.
•
RF management, which allows ST25DVxxx to ignore RF requests.
All these features can be programmed by setting static and/or dynamic registers of the
ST25DVxxx. ST25DVxxx can be partially customized using configuration registers located
in the E2 system area.
These registers are:
•
dedicated to Data Memory organization and protection ENDAi, I2CSS, RFAiSS,
LOCK_CCFILE.
•
dedicated to fast transfer mode MB_WDG, MB_MODE
•
dedicated to observation, GPO, IT_TIME
•
dedicated to RF , RF_MNGT, EH_MODE
•
dedicated the device’s structure LOCK_CFG
A set of additional registers allows to identify and customize the product (DSFID, AFI,
IC_REF, etc.).
In I²C,
Read accesses to the static configuration register is always allowed, except for passwords.
For dedicated registers, write access is granted after prior successful presentation of the I2C
password. Configuration register are located from @00h to 0Fh in the system area (device
code 111)
In RF
Dedicated commands Read Configuration and Write Configuration must be used to access
the static configuration registers. Update is only possible when the access right was granted
by presenting the RF configuration password (RF_PWD_0), and if the system
configuration was not previously locked by the I2C host (LOCK_CFG=1), which acts as
security master.
After any valid write access to the static configuration registers, the new configuration is
immediately applied.
Some of the static registers have a dynamic image (notice _Dyn) preset with the static
register value: GPO_CTRL_Dyn, EH_CTRL_Dyn, RF_MNGT_Dyn and MB_CTRL_Dyn.
When it exists, ST25DVxxx uses the dynamic configuration register to manage its
processes. A dynamic configuration register updated by the application will recover its
default static value after a Power On Reset (POR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com