Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 93Page - STMicroelectronics ST25DV Datasheet HTML 94Page - STMicroelectronics ST25DV Datasheet HTML 95Page - STMicroelectronics ST25DV Datasheet HTML 96Page - STMicroelectronics ST25DV Datasheet HTML 97Page - STMicroelectronics ST25DV Datasheet HTML 98Page - STMicroelectronics ST25DV Datasheet HTML 99Page - STMicroelectronics ST25DV Datasheet HTML 100Page - STMicroelectronics ST25DV Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 220 page
background image
DocID027603 Rev 4
97/220
ST25DV04K ST25DV16K ST25DV64K
I2C operation
219
6.6
I2C password management
The ST25DVxxx controls I2C security session using an I2C 64-bit password. This I2C
password is managed with two I2C dedicated commands: I2C present password and I2C
write password.
6.6.1
I2C present password command description
The I2C present password command is used in I2C mode to present the password to the
ST25DVxxx. This is used to open I2C security session or to allow I2C password modification
(see Section 5.6: Data Protection for detailed explanation about password usage).
Following a Start condition, the bus master sends a device select code with the Read/Write
bit (RW) reset to 0 and the Chip Enable bit E2 at 1. The device acknowledges this, as shown
in Figure 30: I2C Present Password Sequence, and waits for two I2C password address
bytes, 09h and 00h. The device responds to each address byte with an acknowledge bit,
and then waits for the eight password data bytes, the validation code, 09h, and a resend of
the eight password data bytes. The most significant byte of the password is sent first,
followed by the least significant bytes.
It is necessary to send the 64-bit password twice to prevent any data corruption during the
sequence. If the two 64-bit passwords sent are not exactly the same, the ST25DVxxx does
not start the internal comparison.
When the bus master generates a Stop condition immediately after the Ack bit (during the
tenth bit time slot), an internal delay equivalent to the write cycle time is triggered. A Stop
condition at any other time does not trigger the internal delay. During that delay, the
ST25DVxxx compares the 64 received data bits with the 64 bits of the stored I2C password.
If the values match, the I2C security session is open after the internal delay, and the
I2C_SSO_Dyn register is set to 01h. If the values do not match, the I2C security session is
closed and I2C_SSO_dyn register is set to 00h.
During the internal delay, the serial data (SDA) signal is disabled internally, and the device
does not respond to any requests.
I2C_SSO_Dyn is a Dynamic register, it can be checked via I2C host to know If I2C security
session is open.
Figure 30. I2C Present Password Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com