Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 78Page - STMicroelectronics ST25DV Datasheet HTML 79Page - STMicroelectronics ST25DV Datasheet HTML 80Page - STMicroelectronics ST25DV Datasheet HTML 81Page - STMicroelectronics ST25DV Datasheet HTML 82Page - STMicroelectronics ST25DV Datasheet HTML 83Page - STMicroelectronics ST25DV Datasheet HTML 84Page - STMicroelectronics ST25DV Datasheet HTML 85Page - STMicroelectronics ST25DV Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
82/220
DocID027603 Rev 4
Table 44. DSFID(1)
RF
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write DSFID (cmd code 28h)
Type
R always, W if DSFID not locked
I2C
Address
E2 = 1, 0012h
Type
RO
Bit
Name
Function
Factory
Value
b7-b0
DSFID
ISO/IEC 15693 Data Storage Format Identifier
00h
1. Refer to Table 8: System configuration memory map for the DSFID register.
Table 45. AFI(1)
RF
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write AFI (cmd code 27h)
Type
R always, W if AFI not locked
I2C
Address
E2 = 1, 0013h
Type
RO
Bit
Name
Function
Factory
Value
b7-b0
AFI
ISO/IEC 15693 Application Family Identifier
00h
1. Refer to Table 8: System configuration memory map for the AFI register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com