Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 14Page - STMicroelectronics ST25DV Datasheet HTML 15Page - STMicroelectronics ST25DV Datasheet HTML 16Page - STMicroelectronics ST25DV Datasheet HTML 17Page - STMicroelectronics ST25DV Datasheet HTML 18Page - STMicroelectronics ST25DV Datasheet HTML 19Page - STMicroelectronics ST25DV Datasheet HTML 20Page - STMicroelectronics ST25DV Datasheet HTML 21Page - STMicroelectronics ST25DV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 220 page
background image
Description
ST25DV04K ST25DV16K ST25DV64K
18/220
DocID027603 Rev 4
1.2
ST25DVxxx packaging
ST25DVxxx is provided in different packages:
•
8 pins (S08N or TSSPOP8 or UFDFPN8) for the open drain version of Interrupt output
•
10 balls (WLCSP) and 12 pins (UFDFPN12) for a CMOS interrupt output. This package
includes an additional element that minimizes standby consumption.
Figure 2. ST25DVxxx 8-pin packages connections with open drain Interruption Output
1. Exposed Pad is only present on UFDFPN8 package.
Table 1. Signal names
Signal name
Function
Direction
V_EH
Energy Harvesting
Power output
GPO
Interrupt Output
Output
SDA
Serial Data
I/O
SCL
Serial Clock
Input
AC0, AC1
Antenna coils
VCC
Supply voltage
Power
VSS
Ground
LPD(1)
1. Available only on 10-ball and 12-pin packages.
Low power down mode
Input
VDCG(1)
Supply voltage for GPO driver Power
NC
Not connected
Must be left floating
EP(2)
2. Available only on UFDPN8 and UFDFPN12 packages.
Exposed Pad
Must be left floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com