Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 25Page - STMicroelectronics ST25DV Datasheet HTML 26Page - STMicroelectronics ST25DV Datasheet HTML 27Page - STMicroelectronics ST25DV Datasheet HTML 28Page - STMicroelectronics ST25DV Datasheet HTML 29Page - STMicroelectronics ST25DV Datasheet HTML 30Page - STMicroelectronics ST25DV Datasheet HTML 31Page - STMicroelectronics ST25DV Datasheet HTML 32Page - STMicroelectronics ST25DV Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 220 page
background image
DocID027603 Rev 4
29/220
ST25DV04K ST25DV16K ST25DV64K
Memory management
219
When programming an ENDAi register, the following rule must be respected:
•
ENDAi-1 < ENDAi ≤ ENDAi+1 = End of memory.
This means that prior to programming any ENDAi register, its successor (ENDAi+1) must
first be programmed to the last Block/Byte of memory:
•
Successful ENDA3 programming condition: ENDA2 < ENDA3 ≤ End of user memory
•
Successful ENDA2 programming condition: ENDA1 < ENDA2 ≤ ENDA3 = End of user
memory
•
Successful ENDA1 programming condition: ENDA1 ≤ ENDA2 = ENDA 3 = End of user
memory
If this rule is not respected, an error 0Fh is returned in RF, NoAck is returned in I2C, and
programming is not done.
In order to respect this rule, the following procedure is recommended when programming
Areas size (even for changing only one Area size):
1.
Ends of Areas 3 and 2 must first be set to the end of memory while respecting the
following order:
a)
If ENDA3 ≠ end of user memory, then set ENDA3 = end of memory; else, do not
write ENDA3.
b)
If ENDA2 ≠ end of user memory, then set ENDA2 = end of memory; else, do not
write ENDA2.
2.
Then, desired area limits can be set respecting the following order:
a)
Set new ENDA1 value.
b)
Set new ENDA2 value, with ENDA2 > ENDA1
c)
Set new ENDA3 value, with ENDA3 > ENDA2
Example of successive user memory area setting (for a ST25DV64K-xx):
1.
Initial state, 2 Areas are defined:
a)
ENDA1 = 10h (Last block of Area 1: (10h x 8) + 7 = 0087h)
b)
ENDA2 = FFh (Last block of Area 2: (FFh x 8) + 7 = 07FFh)
c)
ENDA3 = FFh (No Area 3)
–
Area 1 from Block 0000h to 0087h (136 Blocks)
–
Area 2 from Block 0088h to 07FFh (1912 Blocks)
–
There is no Area 3.
–
There is no Area 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com