Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 53Page - STMicroelectronics ST25DV Datasheet HTML 54Page - STMicroelectronics ST25DV Datasheet HTML 55Page - STMicroelectronics ST25DV Datasheet HTML 56Page - STMicroelectronics ST25DV Datasheet HTML 57Page - STMicroelectronics ST25DV Datasheet HTML 58Page - STMicroelectronics ST25DV Datasheet HTML 59Page - STMicroelectronics ST25DV Datasheet HTML 60Page - STMicroelectronics ST25DV Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 220 page
background image
DocID027603 Rev 4
57/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
•
Cumulates all events which generate interruptions. It should be checked by I2C host to
know which event triggered an interrupt on GPO pin.
•
When enabled, RF events are reported in IT_STS_Dyn register even if GPO output is
disabled though the GPO_EN bit.
•
Once read the ITSTS_Dyn register is cleared (set to 00h).
•
At power up, IT_STS_Dyn content is cleared (set to 00h).
•
IT_STS_Dyn is a volatile register. Value is maintained only if at least one of the two
power sources is present (RF field or VCC).
5.2.4
Configuring GPO
GPO and interruption pulse duration can be configured by RF user or by I2C host. One or
more interrupts can be enabled at same time.
RF user can use Read Configuration and Write Configuration commands to set accordingly
the GPO and IT_TIME registers, after presenting a valid RF configuration password to open
RF configuration security session.
Table 21. IT_STS_Dyn(1)
RF
Command
No access
Type
I2C
Address
E2 = 0, 2005h
Type
RO
Bit
Name
Function
Factory
Value
b0
RF_USER
0: Manage GPO reset GPO
1: Manage GPO set GPO
0b
b1
RF_ACTIVITY
0: No RF access
1: RF access
0b
b2
RF_INTERRUPT
0: No Manage GPO interrupt request
1: Manage GPO interrupt request
0b
b3
FIELD_FALLING
0: No RF field falling
1: RF Field falling
0b
b4
FIELD_RISING
0: No RF field rising
1: RF field rising
0b
b5
RF_PUT_MSG
0: No message put by RF in FTM mailbox
1: Message put by RF in FTM mailbox
0b
b6
RF_GET_MSG
0: No message read by RF from FTM mailbox
1: Message read by RF from FTM mailbox, and end of message has been
reached.
0b
b7
RF_WRITE
0: No write in EEPROM
1: Write in EEPROM
0b
1. Refer to Table 9: Dynamic registers memory map for the IT_STS_Dyn register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com