Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 71Page - STMicroelectronics ST25DV Datasheet HTML 72Page - STMicroelectronics ST25DV Datasheet HTML 73Page - STMicroelectronics ST25DV Datasheet HTML 74Page - STMicroelectronics ST25DV Datasheet HTML 75Page - STMicroelectronics ST25DV Datasheet HTML 76Page - STMicroelectronics ST25DV Datasheet HTML 77Page - STMicroelectronics ST25DV Datasheet HTML 78Page - STMicroelectronics ST25DV Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 220 page
background image
DocID027603 Rev 4
75/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
5.6.2
Passwords and security sessions
ST25DVxxx provides protection of user memory and system configuration static registers.
RF user and I2C host can access those protected data by opening security sessions with
the help of passwords. Access rights is more restricted when security sessions are closed,
and less restricted when security sessions are open.
Dynamic registers and fast transfer mode mailbox are not protected by any security session.
There is three type of security sessions, as shown in Table 41:
All passwords are 64-bits long, and default factory passwords value is
0000000000000000h.
The ST25DVxxx passwords management is organized around RF and I2C dedicated set of
commands to access the dedicated registers in system configuration area where password
values are stored.
Table 40. I2C_SSO_Dyn(1)
RF
Command
No access
Type
I2C
Address
E2 = 0, 2004h
Type
RO
Bit
Name
Function
Factory
Value
b0
I2C_SSO
0: I2C security session close
1: I2C security session open
(Set or reset via I2C Present password command)
0b
b7-b1
RFU
-
0b
1. Refer to Table 9: Dynamic registers memory map for the I2C_SS0_Dyn register.
Table 41. Security session type
Security
session
Open by presenting
Right granted when security session is open, and until it is closed
RF user
RF password 1, 2 or 3(1)
(RF_PWD_1,
RF_PWD_2,
RF_PWD_3)
RF user access to protected user memory as defined in RFAiSS registers
RF user write access to RF password 1, 2 or 3(2)
RF
configuration
RF password 0
(RF_PWD_0)
RF user write access to configuration static registers
RF user write access to RF password 0
I2C
I2C password
(I2C_PWD)
I2C host access to protected user memory as defined in I2CSS register
I2C host write access to configuration static registers
I2C host write access to I2C password
1. Password number must be the same as the one selected for protection.
2. Write access to the password number corresponding to the password number presented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com