Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 62Page - STMicroelectronics ST25DV Datasheet HTML 63Page - STMicroelectronics ST25DV Datasheet HTML 64Page - STMicroelectronics ST25DV Datasheet HTML 65Page - STMicroelectronics ST25DV Datasheet HTML 66Page - STMicroelectronics ST25DV Datasheet HTML 67Page - STMicroelectronics ST25DV Datasheet HTML 68Page - STMicroelectronics ST25DV Datasheet HTML 69Page - STMicroelectronics ST25DV Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
66/220
DocID027603 Rev 4
I2C transaction is terminated:
•
at the end of EEPROM programming time after the stop condition of a successful write
into EEPROM (user memory or system configuration). See Section 6.4: I2C Write
operations for write time calculation.
•
at stop condition for any other I2C transaction
•
at VCC power off
•
at any I2C error (terminated before stop condition)
•
at I2C timeout if it occurs
When RF is busy, I2C interface answers by NoAck on any I2C command.
When I2C is busy, RF commands receive no response (Inventory, Stay quiet, addressed
commands) or error code 0Fh for any other command.
5.6
Data Protection
ST25DVxxx provides a special data protection mechanism based on passwords that unlock
security sessions.
User memory can be protected for read and/or write access and system configuration can
be protected from write access, both from RF and I2C assess.
5.6.1
Data protection registers
Table 28. RFA1SS(1)
RF
Command
Read Configuration (cmd code A0h) @04h
Write Configuration (cmd code A1h) @04h
Type
R always, W if RF configuration security session is open and
configuration not locked
I2C
Address
E2 = 1, 0004h
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory
Value
b1-b0
PWD_CTRL_A1
00: Area 1 RF user security session can’t be open by password
01: Area 1 RF user security session is open by RF_PWD_1
10: Area 1 RF user security session is open by RF_PWD_2
11: Area 1 RF user security session is open by RF_PWD_3
00b
b3-b2
RW_PROTECTION_A1
00: Area 1 RF access: Read always allowed / Write always allowed
01: Area 1 RF access: Read always allowed, Write allowed if RF user
security session is open
10: Area 1 RF access: Read always allowed, Write allowed if RF user
security session is open
11: Area 1 RF access: Read always allowed, Write always forbidden
00b
b7-b4
RFU
-
0000b
1. Refer to Table 8: System configuration memory map for the RFA1SS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com