Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 36Page - STMicroelectronics ST25DV Datasheet HTML 37Page - STMicroelectronics ST25DV Datasheet HTML 38Page - STMicroelectronics ST25DV Datasheet HTML 39Page - STMicroelectronics ST25DV Datasheet HTML 40Page - STMicroelectronics ST25DV Datasheet HTML 41Page - STMicroelectronics ST25DV Datasheet HTML 42Page - STMicroelectronics ST25DV Datasheet HTML 43Page - STMicroelectronics ST25DV Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
40/220
DocID027603 Rev 4
I2C host is then informed (by interruption on GPO output or polling on MB_CTRL_Dyn
register) that a message from RF is present in the mailbox.
Once the complete message has been read by I2C, mailbox is considered free again and is
available for receiving a new message (data is not cleared).
The RF user is informed that the message has been read by the I2C host by polling on
MB_CTRL_Dyn register.
Figure 9. RF to I2C fast transfer mode operation
To send data from the I2C host to the RF reader, fast transfer mode must be enabled, the
mailbox must be free and the I2C host must first write the message containing data in the
mailbox.
The RF user must poll on MB_CTRL_Dyn register to check for the presence of a message
from I2C in the mailbox.
Once the complete message has been read by RF user, mailbox is considered free again
and is available for receiving a new message (data is not cleared).
The I2C host is informed that message has been read by RF user through a GPO
interruption or by polling on the MB_CTRL_Dyn register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com