Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 74Page - STMicroelectronics ST25DV Datasheet HTML 75Page - STMicroelectronics ST25DV Datasheet HTML 76Page - STMicroelectronics ST25DV Datasheet HTML 77Page - STMicroelectronics ST25DV Datasheet HTML 78Page - STMicroelectronics ST25DV Datasheet HTML 79Page - STMicroelectronics ST25DV Datasheet HTML 80Page - STMicroelectronics ST25DV Datasheet HTML 81Page - STMicroelectronics ST25DV Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
78/220
DocID027603 Rev 4
There is no interaction between I2C and RF security sessions. Both are independent and
can run in parallel.
Figure 23. I2C security sessions management
5.6.3
User memory protection
On factory delivery, areas are not protected.
Each area can be individually protected in read and/or write access from RF and I2C.
Area 1 is always readable (from RF and I2C).
Furthermore, RF blocks 0 and 1 (I2C bytes 0000h to 00007h) can be independently write
locked.
User memory protection from RF access
In RF mode, each memory area of the ST25DVxxx can be individually protected by one out
of three available passwords (RF password 1, 2 or 3), and each area can also have
individual Read/Write access conditions.
For each area, an RFAiSS register is used to:
•
Select the RF password that unlock the RF user security session for this area
•
Select the protection against read and write operations for this area
(See Table 28: RFA1SS, Table 29: RFA2SS, Table 30: RFA3SS and Table 31: RFA4SS for
details about available read and write protections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com