Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 30Page - STMicroelectronics ST25DV Datasheet HTML 31Page - STMicroelectronics ST25DV Datasheet HTML 32Page - STMicroelectronics ST25DV Datasheet HTML 33Page - STMicroelectronics ST25DV Datasheet HTML 34Page - STMicroelectronics ST25DV Datasheet HTML 35Page - STMicroelectronics ST25DV Datasheet HTML 36Page - STMicroelectronics ST25DV Datasheet HTML 37Page - STMicroelectronics ST25DV Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 220 page
background image
Memory management
ST25DV04K ST25DV16K ST25DV64K
34/220
DocID027603 Rev 4
4.4
Dynamic configuration
ST25DV has a set of dynamic registers that allow temporary modification of its behavior or
report on its activity. Dynamic registers are volatile and not restored to their previous values
after POR.
Some static registers have an image in dynamic registers: dynamic register value is
initialized with the static register value and may be updated by the application to modify the
device behavior temporarily (i.e.: set reset of Energy Harvesting). When a valid change
occurs in a static register, in RF or I2C, the corresponding dynamic register is automatically
updated.
Other, dynamic registers, automatically updated, contain indication on ST25DV activity. (i.e.:
IT_STS_Dyn gives the interruption’s status or MB_CTRL_Dyn gives the fast transfer mode
mailbox control).
In RF, dynamic registers can be accessed via dedicated (Fast) Read Dynamic Configuration
and (Fast) Write Dynamic Configuration commands, with a pointer acting as the register
address. No password is needed to access dynamic registers.
In I2C, dynamic registers can be accessed with I2C read and write commands with device
select E2=0. Dynamic registers can be read in continuity. Dynamic registers and fast
transfer mode mailbox can be read in continuity, but not written in continuity. No password is
needed to access dynamic registers.
Table 9 shows the complete map of dynamic registers, as seen by RF interface and by I2C
interface.
Table 9. Dynamic registers memory map
RF access
Dynamic Registers
I2C access
Address
Type
Name
Function
Device
select
Address Type
00h
RO
Table 20: GPO_CTRL_Dyn
GPO control
E2 = 0
2000h
R/W
No access
-
ST Reserved
E2 = 0
2001h
RO
02h
R/W
Table 24: EH_CTRL_Dyn
Energy Harvesting management &
usage status
E2 = 0
2002h
R/W
No access
Table 27: RF_MNGT_Dyn
RF interface usage management
E2 = 0
2003h
R/W
Table 40: I2C_SSO_Dyn
I2C security session status
E2 = 0
2004h
RO
Table 21: IT_STS_Dyn
Interruptions Status
E2 = 0
2005h
RO
0Dh
R/W
Table 13: MB_CTRL_Dyn
Fast transfer mode control and
status
E2 = 0
2006h
R/W
NA
RO
Table 14: MB_LEN_Dyn
length of fast transfer mode
message
E2 = 0
2007h
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com