Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 82Page - STMicroelectronics ST25DV Datasheet HTML 83Page - STMicroelectronics ST25DV Datasheet HTML 84Page - STMicroelectronics ST25DV Datasheet HTML 85Page - STMicroelectronics ST25DV Datasheet HTML 86Page - STMicroelectronics ST25DV Datasheet HTML 87Page - STMicroelectronics ST25DV Datasheet HTML 88Page - STMicroelectronics ST25DV Datasheet HTML 89Page - STMicroelectronics ST25DV Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 220 page
background image
I2C operation
ST25DV04K ST25DV16K ST25DV64K
86/220
DocID027603 Rev 4
6
I2C operation
6.1
I2C protocol
The device supports the I2C protocol. This is summarized in Figure 24: I2C bus protocol.
Any device that sends data to the bus is defined as a transmitter, and any device that reads
data is defined as a receiver. The device that controls the data transfer is known as the bus
master, and the other as the slave device. A data transfer can only be initiated by the bus
master, which also provides the serial clock for synchronization. The ST25DVxxx device is a
slave in all communications.
Figure 24. I2C bus protocol
6.1.1
Start condition
Start is identified by a falling edge of serial data (SDA) while the serial clock (SCL) is stable
in the high state. A Start condition must precede any data transfer command. The device
continuously monitors (except during a write cycle) the SDA and the SCL for a Start
condition, and does not respond unless one is given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com