Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 122Page - STMicroelectronics ST25DV Datasheet HTML 123Page - STMicroelectronics ST25DV Datasheet HTML 124Page - STMicroelectronics ST25DV Datasheet HTML 125Page - STMicroelectronics ST25DV Datasheet HTML 126Page - STMicroelectronics ST25DV Datasheet HTML 127Page - STMicroelectronics ST25DV Datasheet HTML 128Page - STMicroelectronics ST25DV Datasheet HTML 129Page - STMicroelectronics ST25DV Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
126/220
DocID027603 Rev 4
7.6.15
Extended Write Multiple Blocks
On receiving the Extended Write multiple block command, the ST25DVxxx writes the data
contained in the request to the targeted blocks and reports whether the write operation were
successful in the response. ST25DVxxx supports up to 4 blocks, data field must be coherent
with number of blocks to program.
If some blocks overlaps areas, or overlap end of user memory the ST25DVxxx returns an
error code and none of the blocks are programmed.
When the Option_flag is set, wait for EOF to respond. During the RF write cycle Wt, there
should be no modulation (neither 100% nor 10%), otherwise the ST25DVxxx may not
program correctly the data into the memory. The Wt time is equal to
t1nom + m × 302 μs < 20 ms (m is an integer function of Nb number of blocks to be
programmed).
The inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and
ST25DV64K-xx can be addressed using this command.
Request parameters:
•
Request flags
•
UID (optional)
•
First block number
•
Number of block
•
Data (from first to last blocks, from LSB bytes to MSB bytes)
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 99. Extended Write Multiple Block request format
Request
SOF
Request_flags
Extended
Write
multiple
block
UID(1)
First
Block
number
Number
of
block(2)
Data
CRC16
Request
EOF
-
8 bits
34h
64 bits
16 bits
16 bits
Block
length(3)
16 bits
-
1. Gray color means that the field is optional.
2. The number of blocks in the request is one less than the number of blocks that the VICC shall write.
3. Repeated as needed
Table 100. Extended Write Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com