Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 140Page - STMicroelectronics ST25DV Datasheet HTML 141Page - STMicroelectronics ST25DV Datasheet HTML 142Page - STMicroelectronics ST25DV Datasheet HTML 143Page - STMicroelectronics ST25DV Datasheet HTML 144Page - STMicroelectronics ST25DV Datasheet HTML 145Page - STMicroelectronics ST25DV Datasheet HTML 146Page - STMicroelectronics ST25DV Datasheet HTML 147Page - STMicroelectronics ST25DV Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
144/220
DocID027603 Rev 4
Note:
Please refer to Table 8: System configuration memory map for details on register
addresses.
Request parameters:
•
System configuration register pointer
•
UID (optional)
Response parameters:
•
One byte of data: system configuration register
Response parameter:
•
Error code as Error_flag is set
–
02h: command not recognized
–
03h: the option is not supported
–
10h: block not available
–
0Fh: error with no information given
Figure 55. Read Configuration frame exchange between VCD and ST25DVxxx
7.6.27
Write Configuration
The Write Configuration command is used to write static system configuration register. The
Write Configuration must be preceded by a valid presentation of the RF configuration
password (00) to open the RF configuration security session.
On receiving the Write Configuration command, the ST25DVxxx writes the data contained in
the request to the system configuration register at the Pointer address and reports whether
the write operation was successful in the response or not.
When the Option_flag is set, wait for EOF to respond. The Inventory_flag is not supported.
Table 145. Read Configuration response format when Error_flag is NOT set
Response
SOF
Response_flags
Register value
CRC16
Response
EOF
-
8 bits
8 bits
16 bits
-
Table 146. Read Configuration response format when Error_flag is set
Response
SOF
Response_flags
Error code
CRC16
Response
EOF
-
8 bits
8 bits
16 bits
-
VCD
SOF
Read Configuration
request
EOF
ST25DVxxx
<-t1-> SOF
Read Configuration
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com