Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 145Page - STMicroelectronics ST25DV Datasheet HTML 146Page - STMicroelectronics ST25DV Datasheet HTML 147Page - STMicroelectronics ST25DV Datasheet HTML 148Page - STMicroelectronics ST25DV Datasheet HTML 149Page - STMicroelectronics ST25DV Datasheet HTML 150Page - STMicroelectronics ST25DV Datasheet HTML 151Page - STMicroelectronics ST25DV Datasheet HTML 152Page - STMicroelectronics ST25DV Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 220 page
background image
DocID027603 Rev 4
149/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
For the ST25DVxx-IE (open drain output), a Set means that the GPO pin is driven to a low
level (VSS) and a Reset releases the GPO (High impedance).
IT corresponds to the GPO pin driven to ground during the IT duration, then pin is released.
Thanks to an external pull up, the high level will be recovered.
Option_flag is not supported. The Inventory_flag must be set to 0.
Request parameters:
•
Request flag
•
UID (optional)
•
Data: Define static or dynamic Interrupt
Response parameter:
•
No parameter. The response is sent back after the write cycle.
Table 156. ManageGPO request format
Request
SOF
Request_ flags ManageGPO IC Mfg code
UID(1)
1. Gray color means that the field is optional.
GPO
VAL(2)
2. See Table 157: GPOVAL
CRC16
Request
EOF
-
8 bits
A9h
02h
64 bits
8 bits
16 bits
-
Table 157. GPOVAL
GPOVAL
IT
ST25DVxx-IE (OD)
ST25DVxx-JF (CMOS)
0xxxxxx0b
RF_USER enabled
Pin pull to 0
GPO Pin set to logic One
(VDCG)
0xxxxxx1b
RF_USER enabled
Pin released (HZ)
GPO Pin reset to
logic zero
1xxxxxxxb
RF_INTERRUPT enabled
GPO pin pulled to 0 during IT
Time then released (HZ)
GPO Pin drives a positive
pulse
Any other conditions
GPO realeased (Hz)
GPO pin reset to logic zero
Table 158. ManageGPO response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Table 159. ManageGPO response format when Error_flag is set
Response
SOF
Response_flags
Error code
CRC16
Response
EOF
-
8 bits
8 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com