Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 150Page - STMicroelectronics ST25DV Datasheet HTML 151Page - STMicroelectronics ST25DV Datasheet HTML 152Page - STMicroelectronics ST25DV Datasheet HTML 153Page - STMicroelectronics ST25DV Datasheet HTML 154Page - STMicroelectronics ST25DV Datasheet HTML 155Page - STMicroelectronics ST25DV Datasheet HTML 156Page - STMicroelectronics ST25DV Datasheet HTML 157Page - STMicroelectronics ST25DV Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
154/220
DocID027603 Rev 4
RF Reading of the last byte of mailbox message automatically clears b1 of MB_CTRL_Dyn
“HOST_PUT_MSG” and allows RF to put a new message.
The data rate of the response is multiplied by 2 compated to Read Message.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error
code. The Option_flag is not supported, and the Inventory_flag must be set to 0.
Request parameters:
•
Request flag
•
UID (Optional)
•
Pointer (start at 00h)
•
Number of bytes is one less than the requested data
Response parameters:
•
(number of bytes + 1) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
7.6.35
Write Password
On receiving the Write Password command, the ST25DVxxx uses the data contained in the
request to write the password and reports whether the operation was successful in the
response. It is possible to modify a Password value only after issuing a valid Present
password command (of the same password number). When the Option_flag is set, wait for
EOF to respond. Refer to Section 5.6: Data Protection for details on password
Management. The Inventory_flag must be set to 0.
During the RF write cycle time, Wt, there must be no modulation at all (neither 100% nor
10%), otherwise the ST25DVxxx may not correctly program the data into the memory.
The Wt time is equal to t1nom + N × 302 µs (N is an integer). After a successful write, the
new value of the selected password is automatically activated. It is not required to present
the new password value until the ST25DVxxx power-down.
Caution:
If ST25DVxxx is powered through VCC, removing VCC or setting LPD high during Write
Password command can abort the command. As a consequence, before writing a new
password, RF user should check if VCC is ON, by reading EH_CTRL_Dyn register bit 3
(VCC_ON), and eventually ask host to maintain or to shut down VCC, and not to change
Figure 63. Fast Read Message frame exchange between VCD and ST25DVxxx
VCD
SOF
Fast Read
Message request
EOF
ST25DVxxx
<-t1-> SOF
Fast Read Message
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com