Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 160Page - STMicroelectronics ST25DV Datasheet HTML 161Page - STMicroelectronics ST25DV Datasheet HTML 162Page - STMicroelectronics ST25DV Datasheet HTML 163Page - STMicroelectronics ST25DV Datasheet HTML 164Page - STMicroelectronics ST25DV Datasheet HTML 165Page - STMicroelectronics ST25DV Datasheet HTML 166Page - STMicroelectronics ST25DV Datasheet HTML 167Page - STMicroelectronics ST25DV Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
164/220
DocID027603 Rev 4
7.6.41
Fast Write Message
On receiving the Fast Write Message command, the ST25DVxxx puts the data contained in
the request into the mailbox buffer, updates the Message Length register MB_LEN_Dyn,
and set Mailbox loaded bit RF_PUT_MSG. It then reports if the write operation was
successful in the response. The ST25DVxxx mailbox contains up to 256 data bytes which
are filled from the first location '00'. MSGlength parameter of the command is the number of
Data bytes minus - 1 (00 for 1 byte of data, FFh for 256 bytes of data). Fast Write Message
can be executed only when Mailbox is accessible by RF (previous RF message was read or
time-out occurs, no I2C message to be read). User can check it by reading b1 of
MB_CTRL_Dyn “HOST_PUT_MSG”, which must be reset to “0”. (refer to Section 5.1: Fast
transfer mode (FTM)).
•
The data rate of the response is multiplied by 2 compared to Write Message command.
•
The Option_flag is not supported.
•
The Inventory_flag must be set to 0.
•
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an
error code.
Request parameters:
•
Request flag
•
UID (optional)
•
Message Lenght
•
Message Data
Response parameters:
•
No parameter. The response is sent back after the write cycle.
Table 190. Fast Write Message request format
Request
SOF
Request
_flags
Fast Write
Message
IC Mfg
code
UID(1)
MSGLength
Message Data
CRC16
Request
EOF
-
8 bits
CAh
02h
64 bits
1 byte
(MsgLenght + 1) bytes
16 bits
-
1. Gray color means that the field is optional.
Table 191. Fast Write Message response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Table 192. Fast Write Message response format when Error_flag is set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com