Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 177Page - STMicroelectronics ST25DV Datasheet HTML 178Page - STMicroelectronics ST25DV Datasheet HTML 179Page - STMicroelectronics ST25DV Datasheet HTML 180Page - STMicroelectronics ST25DV Datasheet HTML 181Page - STMicroelectronics ST25DV Datasheet HTML 182Page - STMicroelectronics ST25DV Datasheet HTML 183Page - STMicroelectronics ST25DV Datasheet HTML 184Page - STMicroelectronics ST25DV Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 220 page
background image
DocID027603 Rev 4
181/220
ST25DV04K ST25DV16K ST25DV64K
Device parameters
219
fSH
Subcarrier frequency high
FCC/32
-
423.7
5
-kHz
fSL
Subcarrier frequency low
FCC/28
-
484.2
8
-kHz
t1
Time for ST25DVxxx response
4352/FC
318.6
320.9
323.
3
µs
t2
Time between commands
4192/FC
309
311.5
314
µs
t3
Time between commands
4384/FC
323.3
-
-
µs
Wt_Block
RF User memory write time
(including internal Verify)(5)
1 Block
-
5.2
-
ms
4 Blocks
-
19.7
-
ms
Wt_Byte
RF system memory write time
including internal Verify)(5)
1 Byte
-
4.9
-
ms
Wt_MB
RF Mailbox write time (from VCD
request SOF to ST25DVxxx
response EOF)(5)(6)
256 Byte
-
80.7
-
ms
Read_MB
RF Mailbox read time (from VCD
request SOF to ST25DVxxx
response EOF) (5)(6)
256 Byte
-
81
-
ms
CTUN
Internal tuning capacitor in
SO8N(6)
f = 13.56 MHz
26.5
28.5
30.5
pF
VBACK
Backscattered level as defined by
ISO test
-10
-
-
mV
VMIN_1(3)
RF input voltage amplitude
between AC0 and AC1, VSS pin
left floating, VAC0-VAC1 peak to
peak(3)
Inventory and Read operations
-
4.8
-
V
Write operations
-
5.25
-
V
VMIN_2(3)
AC voltage between AC0 and VSS
or between AC1 and VSS(3)
Inventory and Read operations
-
2.25
-
V
Write operations
-
2.7
-
V
tBootRF
Without DC supply (No VCC)
Set up time
-
0.6
-
ms
tRF_OFF RF OFF time
Chip reset
2
-
-
ms
1. TA = -40 to 105 °C. Characterized only.
2. All timing characterizations were performed on a reference antenna with the following characteristics:
ISO antenna class1
Tuning frequency = 13.7 MHz
3. Characterized on bench.
4. Characterized at room temperature only, on wafer at POR Level.
5. For VCD request coded in 1 out of 4 and ST25DVxxx response in high data rate, single sub carrier.
6. The tuning capacitance value is measured with ST characterization equipment at chip Power On Reset. This
value is used as reference for antenna design. Minimum and Maximum values come from correlation with
industrial tester limits.
Table 214. RF characteristics(1)(2) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com