Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 192Page - STMicroelectronics ST25DV Datasheet HTML 193Page - STMicroelectronics ST25DV Datasheet HTML 194Page - STMicroelectronics ST25DV Datasheet HTML 195Page - STMicroelectronics ST25DV Datasheet HTML 196Page - STMicroelectronics ST25DV Datasheet HTML 197Page - STMicroelectronics ST25DV Datasheet HTML 198Page - STMicroelectronics ST25DV Datasheet HTML 199Page - STMicroelectronics ST25DV Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 220 page
background image
I2C sequences
ST25DV04K ST25DV16K ST25DV64K
196/220
DocID027603 Rev 4
Appendix B
I2C sequences
B.1
Device select codes
B.2
I2C Byte writing and polling
B.2.1
I2C byte write in user memory
Table 222. ST25DVxxx Device select usage
millimeters
Comment
Hexadecimal
Binary
-
1010 E2 11 R/W
Dev select generic
E2 = 0b User memory, Dynamic registers, FTM mailbox
E2 = 1b System memory
A6h
1010 0110b
User memory, Dynamic registers, FTM mailbox writing
A7h
1010 0111b
User memory, Dynamic registers, FTM mailbox reading
AEh
1010 1110b
System memory writing
AFh
1010 1111b
System memory reading
Table 223. Byte Write in user memory when write operation allowed
Request/Response Frame
Comment
Master drives SDA Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit
ADDRESS_MSB
-
Send Address MSB (1 Byte)
-
ACK
9th bit
ADDRESS_LSB
-
Send Address LSB (1 Byte)
-
ACK
9th bit
DATA
-
Send Data (1 Byte)
-
ACK
9th bit
Stop
-
Start of Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com