Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 37Page - Dialog Semiconductor DA9313 Datasheet HTML 38Page - Dialog Semiconductor DA9313 Datasheet HTML 39Page - Dialog Semiconductor DA9313 Datasheet HTML 40Page - Dialog Semiconductor DA9313 Datasheet HTML 41Page - Dialog Semiconductor DA9313 Datasheet HTML 42Page - Dialog Semiconductor DA9313 Datasheet HTML 43Page - Dialog Semiconductor DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
41 of 54
© 2017 Dialog Semiconductor
Bit
Mode
Symbol
Description
Reset
2:0
R/W
GPIO_0_PIN
GPIO_0 PIN assigned to:
000: GPI
001: PVC_EN ( read-back available in PVC_EN
register )
010: SLEEP_EN ( read-back available in SLEEP
register )
011: Power Cycle
100: GPO
101: Power Good
110: IRQ
111: N/A
Note: GPIO_0 has priority over GPIO_1 for
matching input function selections
Note: Configuration of this register is ignored if
MSTSLV_IF_EN is set
0x0
Table 20: GPIO_CTRL_2 0x06
Bit
Mode
Symbol
Description
Reset
7
R/W
GPIO_1_PD
0: GPI: pull-down resistor disabled
No impact if defined as output port
1: GPI: pull-down resistor enabled
No impact if defined as output port
0x1
6
R/W
GPIO_1_PU
0: GPI: pull-up resistor disabled
GPO (open drain): pull-up resistor disabled
(external pull-up resistor)
1: GPI: pull-up resistor enabled
GPO (open drain): pull-up resistor
0x0
5
R/W
GPIO_1_MODE
0: GPI: debouncing off
GPO: open drain
1: GPI: debouncing on
GPO: push-pull
0x1
4
R/W
GPIO_1_TYPE
0: GPI/PG/IRQ: active low
GPO: low level
1: GPI/PG/IRQ: active high
GPO: high level
0x1
3
R/W
GPIO_0_PD
0: GPI: pull-down resistor disabled
No impact if defined as output port
1: GPI: pull-down resistor enabled
No impact if defined as output port
0x1
2
R/W
GPIO_0_PU
0: GPI: pull-up resistor disabled
GPO (open drain): pull-up resistor disabled
(external pull-up resistor)
1: GPI: pull-up resistor enabled
GPO (open drain): pull-up resistor
0x0
1
R/W
GPIO_0_MODE
0: GPI: debouncing off
GPO: open drain
1: GPI: debouncing on
GPO: push-pull
0x1
0
R/W
GPIO_0_TYPE
0: GPI/PG/IRQ: active low
GPO: low level
1: GPI/PG/IRQ: active high
GPO: high level
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com