Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 27Page - Dialog Semiconductor DA9313 Datasheet HTML 28Page - Dialog Semiconductor DA9313 Datasheet HTML 29Page - Dialog Semiconductor DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor DA9313 Datasheet HTML 32Page - Dialog Semiconductor DA9313 Datasheet HTML 33Page - Dialog Semiconductor DA9313 Datasheet HTML 34Page - Dialog Semiconductor DA9313 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
31 of 54
© 2017 Dialog Semiconductor
11.1 OFF Mode (HARDRESET)
DA9313 is in OFF mode without being supplied or with a low supply, when VO_VCORE ≤ VTH_LO_POR.
The only circuitry enabled is the VCORE regulator and its voltage supervision. The digital core is kept
reset in OFF mode.
When VO_VCORE ≥ VTH_HI_POR DA9313 transitions from OFF mode to ACTIVE mode or to
POWER_DOWN mode, depending on the AUTOBOOT setting.
11.2 POWER_DOWN Mode
The POWER_DOWN mode is the lowest quiescent current operating mode with a valid input voltage.
It can support a shelf mode for applications with integrated battery packs, which allows connecting
pre-charged batteries before the user enables the device for the first time.
PVC, oscillator, and analog references are disabled, only the nONKEY sense circuit is left running on
VCORE. A nONKEY wake press will transition the system to ACTIVE, see section 10.2.2.3.
11.3 ACTIVE Mode
ACTIVE mode is the main operating mode of DA9313 and is entered into after OTP load. The PVC is
then automatically turned on and operates in the configured mode.
NOTE
The host processor should wait for DA9313 to reach the ACTIVE mode following a start-up from OFF or
POWER_DOWN before starting the I
2C communication with DA9313, see Table 5 for timing details.
After the application starts up, the host processor should always read the FAULT_LOG register to
determine which one of the following sequences occurred before ACTIVE mode was enabled:
● from a fault condition (dedicated fault bit)
● from OFF during cold boot (POR bit)
● from power cycle due to long press of nONKEY
● from power cycle initiated via SOFTRESET write
● from power cycle initiated by PWC
11.4 SLEEP Mode
SLEEP mode is used to support application low power modes with lower quiescent current. The
mode can be entered into and exited from by register write or via GPI. An optional exit via nONKEY
is also supported when VDDIO has been disabled in SLEEP mode.
SLEEP mode is configurable via the SLEEP_CTRL register, see Table 13 for configuration options.
● To enter SLEEP mode via I2C, assert the SLEEP bit in the MODE_CTRL register.
● To enter SLEEP mode via GPI, configure GPIO_1_PIN or GPIO_0_PIN to SLEEP_EN. The level
of the GPI controls entry into SLEEP mode and exit back to ACTIVE mode.
ACTIVE configuration settings are re-applied on exit of SLEEP mode.
Table 13: SLEEP_CTRL Register Configuration
Control bit
Block
PVC_SL
PVC operation in SLEEP mode:
0: no change
1: automatic frequency mode
The PVC is changed to automatic frequency mode (variable frequency).
PVC_MODE setting is overwritten (old value restored at the exit of SLEEP
mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com