Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor DA9313 Datasheet HTML 48Page - Dialog Semiconductor DA9313 Datasheet HTML 49Page - Dialog Semiconductor DA9313 Datasheet HTML 50Page - Dialog Semiconductor DA9313 Datasheet HTML 51Page - Dialog Semiconductor DA9313 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
48 of 54
© 2017 Dialog Semiconductor
Bit
Mode
Symbol
Description
Reset
2:0
R/W
VBAT_UV_WARN
000: 5.2 V
001: 5.4 V
010: 5.6 V
011: 5.8 V
100: 6.0 V
101: 6.2 V
110: 6.4 V
111: 6.6 V
0x1
Table 33: CONFIG_D 0x14
Bit
Mode
Symbol
Description
Reset
7:4
R/W
-
Reserved
0xC
3:0
R/W
IF_BASE_ADDR1
I
2C uses slave address as follows:
IF_BASE_ADDR1 = 4 MSBs of 7 Bit I
2C slave
address (XXXX000)
Example:
For code XXXX = 1101
110_1000: Slave address of I
2C interface = 0x68.
0xD
Table 34: VARIANT_ID 0x30
Bit
Mode
Symbol
Description
Reset
7:4
R/W
MRC
Read-back of mask revision code (MRC)
-code 0 to AA die release
0x0
3:0
R/W
VRC
Read-back of package variant code (VRC)
-indicates type of package option
0x0
Table 35: DEVICE_ID 0x31
Bit
Mode
Symbol
Description
Reset
7:0
R
DEVICE_ID
Device ID: 0x81
0x81
Table 36: CUSTOMER_ID 0x32
Bit
Mode
Symbol
Description
Reset
7:0
R/W
CUSTOMER_ID
ID for customer and target application platform,
written during production of variant
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com