Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 24Page - Dialog Semiconductor DA9313 Datasheet HTML 25Page - Dialog Semiconductor DA9313 Datasheet HTML 26Page - Dialog Semiconductor DA9313 Datasheet HTML 27Page - Dialog Semiconductor DA9313 Datasheet HTML 28Page - Dialog Semiconductor DA9313 Datasheet HTML 29Page - Dialog Semiconductor DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor DA9313 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
28 of 54
© 2017 Dialog Semiconductor
10.3.3
PVC Operating Modes
10.3.3.1
Standalone Mode
When the PVC is enabled, the operating mode is defined by the PVC_MODE register field. The PVC
operates either in fixed frequency (PVC_MODE= 0) or in automatic frequency mode (PVC_MODE=
1).
In automatic frequency mode, the switching frequency is not always constant, see Figure 13. The
PVC operates in continuous conduction mode (CCM) at high loads and moves to discontinuous
conduction mode (DCM) as soon as the load becomes lower than a certain threshold.
● When the load decreases, the V
OUT voltage increases over the VPVC_DROP threshold and the PVC
moves from CCM to DCM.
● When the load increases again and the V
OUT voltage decreases by VPVC_HYST below VPVC_DROP
and the PVC moves back from DCM to CCM.
Operating in automatic frequency mode extends the efficiency range to low levels of output loads,
enabling the PVC to supply a low voltage PMIC in low power mode over a long period.
Vpcv_hyst
Vpvc_drop
DCM request
Sudden Load
CCM Request
DCM threshold
VBAT/2
skip
skip
skip
MSI
Unloading
Vpvc_ms_drop
Vpvc_ms_hyst
Master :DCM
Slave : OFF
Master : CCM
Slave : ON
Master :CCM
Slave : OFF
Master: DCM
Slave : OFF
Master: CCM
Slave: OFF
Master: CCM
Slave: OFF
Load Decreasing
Light Load
Sudden Load
Applied
Load Decreasing
Figure 13: Master Slave Timing in Automatic Frequency Mode
10.3.3.2
Master/Slave Operation
The master device behaves in the same way as a standalone device, see section 10.3.3.1, with
additional VOUT monitoring at VMSI level (see Note below). This monitoring is used to trigger the slave
device via the master/slave interface (MS_IF). The level at which the master triggers the slave is
defined in PVC_MS_DROP.
When the VOUT voltage decreases beyond VMSI due to progressive output loading, the master
DA9313 enables the slave DA9313 over MS_IF.
When the VOUT voltage increases above VMSI + VPVC_MS_HYST (defined in PVC_MS_HYST), the master
DA9313 disables the slave DA9313 over MS_IF.
Disabling the master PVC triggers a shutdown of the slave PVC over MS_IF.
NOTE
VMSI = VCCM – VPVC_MS_DROP
Where:
● V
CCM = (VBAT/2 - VPVC_DROP - VPVC_HYSTMAX)
● V
PVC_HYSTMAX is a constant value of 30 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com