Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 40Page - Dialog Semiconductor DA9313 Datasheet HTML 41Page - Dialog Semiconductor DA9313 Datasheet HTML 42Page - Dialog Semiconductor DA9313 Datasheet HTML 43Page - Dialog Semiconductor DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor DA9313 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
44 of 54
© 2017 Dialog Semiconductor
Table 25: EVENT 0x0B
Bit
Mode
Symbol
Description
Reset
7
RW1C
E_KEY_RESET
A long press of nONKEY has been detected.
DA9313 will power cycle in 1 s unless this bit is
cleared by the host
0x0
6
RW1C
E_TEMP_WARN
TEMP_WARN caused an event
0x0
5
RW1C
E_VBAT_WARN
VBAT_WARN caused an event
0x0
4
RW1C
E_nONKEY
nONKEY caused an event
0x0
3
RW1C
E_PVC_OC_WARN
PVC current alarm caused an event.
0x0
2
RW1C
E_PVC_PG
Power good loss at PVC caused an event
0x0
1
RW1C
E_GPI_1
GPI_1 event according to active state setting
0x0
0
RW1C
E_GPI_0
GPI_0 event according to active state setting
0x0
Table 26: FAULT_LOG 0x0C
Bit
Mode
Symbol
Description
Reset
7
R/W
PVC_RAMPUP
PVC has failed to ramp output voltage on start-up.
Critical fault.
0x0
6
R/W
PD_RESET
Power cycle initiated via SOFTRESET write
0x0
5
R/W
GPI_RESET
Power cycle initiated by PWC GPI reset
0x0
4
R/W
NONKEY_RESET
Power cycle due to long press of nONKEY
0x0
3
R/W
VBAT_UV_CRIT
Input under voltage triggered a fault condition
0x0
2
R/W
PVC_OC_CRIT
PVC over-current triggered a fault condition
0x0
1
R/W
TEMP_CRIT
Junction over-temperature triggered a fault
condition
0x0
0
R/W
POR
Power up from OFF (cold boot)
0x0
Table 27: LOCK_REG 0x0D
Bit
Mode
Symbol
Description
Reset
7:0
R/W
LOCK_REG
Soft lock for registers from 0x0E to 0x2F
Writing to registers in this region while the region is
LOCKED has no effect
Region will default to LOCKED (LOCK_REG read-
back value 0)
Writing the key (documented as the reset value )
will UNLOCK the region
Writing any value other than the key will LOCK the
region from 0x0E to 0x2F
0x4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com