Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 6Page - Dialog Semiconductor DA9313 Datasheet HTML 7Page - Dialog Semiconductor DA9313 Datasheet HTML 8Page - Dialog Semiconductor DA9313 Datasheet HTML 9Page - Dialog Semiconductor DA9313 Datasheet HTML 10Page - Dialog Semiconductor DA9313 Datasheet HTML 11Page - Dialog Semiconductor DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
10 of 54
© 2017 Dialog Semiconductor
4
Pinout
1
2
3
4
5
6
Top View
C1P
VIN
SDA
VIN
SCL
nONKEY
C1P
VIN
C1P
VOUT
VOUT
VBAT
C1N
BS1
VOUT
VOUT
C1N
VOUT
C1N
AGND
VCORE
PGND
PGND
VOUT_S
7
8
9
10
11
12
C2P
VIN
VIN
GPIO_1
VIN
C2P
VOUT
VOUT
C2P
C2N
BS2
VOUT
VOUT
VOUT
C2N
PGND
PGND
C2N
GPIO_0
Digital signal
Analog signal
Power supply
Ground
A
B
C
D
E
F
G
H
J
Figure 5: Connection Diagram
Table 1: Pin Description
Location
Pin Name
Pin Type
(Table 2)
Description
F12
VBAT
AI/P
VBAT input for voltage supervision and supply input voltage for power
voltage converter controller
A1, B2, C3
J1, H2, G3
VIN
PWR
Supply input voltage for power path
A3, B4, A5
C1P
AIO
Flying capacitance 1 positive terminal
A9, B10,
A11
C1N
AIO
Flying capacitance 1 negative terminal
A7
BS1
AIO
Boot strap capacitor positive terminal for power voltage converter
J3, H4, J5
C2P
AIO
Flying capacitance 2 positive terminal
J9, H10, J11
C2N
AIO
Flying capacitance 2 negative terminal
J7
BS2
AIO
Boot strap capacitor positive terminal for power voltage converter
B6, B8, C5,
C7, C9, G5,
G7,G9, H6,
H8
VOUT
AO
Power voltage converter output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com