Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor DA9313 Datasheet HTML 32Page - Dialog Semiconductor DA9313 Datasheet HTML 33Page - Dialog Semiconductor DA9313 Datasheet HTML 34Page - Dialog Semiconductor DA9313 Datasheet HTML 35Page - Dialog Semiconductor DA9313 Datasheet HTML 36Page - Dialog Semiconductor DA9313 Datasheet HTML 37Page - Dialog Semiconductor DA9313 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
34 of 54
© 2017 Dialog Semiconductor
11.8 Internal Oscillator
The internal high-speed oscillator generates a signal at fOSC, the internal 6 MHz clock reference. The
high-speed oscillator is enabled on demand.
It is possible to apply an external oscillator delivering the target 6 MHz, see Table 6, to the system.
This requires that GPIO_1 is selected as Ext_Clk_Inp on GPIO_1_PIN. GPIO_1 does not generate
any event in this case.
11.8.1
Internal Temperature Supervision
Due to the high power density and to protect DA9313 from damage due to excessive power
dissipation the internal temperature is continuously monitored, except in DCM, OFF and
POWER_DOWN modes.
There are two temperature thresholds, TTH_WARN and TTH_CRIT, respectively at typically 125 °C and
140 °C. To minimize the current consumption only the TTH_WARN comparator is always on. The
TTH_CRIT comparators are enabled on demand at >125 °C when TTH_WARN is reached.
When the junction temperature reaches the TTH_WARN threshold, DA9313 will assert the bit
TEMP_WARN and will generate the event E_TEMP_WARN. The status bit TEMP_WARN will remain
asserted as long as the junction temperature is higher than TTH_WARN.
When the junction temperature increases further over TTH_CRIT DA9313 will immediately disable the
PVC, will assert the status bit TEMP_CRIT and will progress to FAULT RECOVERY mode, see
section 11.5.
The status bit TEMP_CRIT will remain asserted as long as the junction temperature is higher than
TTH_CRIT. DA9313 will remain in FAULT RECOVERY mode as long as the junction temperature is
bigger than TTH_CRIT and will not allow re-enabling of the supplies via I
2C port or register write.
Where the I
2C interface is not connected, providing DA9313 has been configured to boot to ACTIVE
mode via AUTOBOOT, the PVC will shut down (power cycle) then restart and PG on GPIO will go
down and then up again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com