Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 8Page - Dialog Semiconductor DA9313 Datasheet HTML 9Page - Dialog Semiconductor DA9313 Datasheet HTML 10Page - Dialog Semiconductor DA9313 Datasheet HTML 11Page - Dialog Semiconductor DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor DA9313 Datasheet HTML 15Page - Dialog Semiconductor DA9313 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
12 of 54
© 2017 Dialog Semiconductor
5
Absolute Maximum Ratings
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
TSTG
Storage temperature
-65
+165
°C
TA
Operating temperature
-40
+85
°C
TJ
Junction temperature
-40
+125
°C
VDD_LIM
Limiting supply voltage
VBAT, VIN,
PVC_EN =0
and VBAT, VIN ramp < 1 V/µs
-0.3
20
V
VVOUT_LIM
Limiting output voltage
converter voltage
-0.3
5.5
V
VC1P_LIM,
VC2P_LIM
Limiting flying cap positive
pin voltage
C1P, C2P
When the voltage converter is
off VC1P = VC2P = VVOUT = 0
-0.3
VO_PVC
+ 5.5
V
VC1N_LIM,
VC2N_LIM
Limiting flying cap negative
pin voltage
C1N, C2N
-0.3
+ 5.5
V
VBS1_LIM,
VBS2_LIM
Limiting bootstrap voltage
converter pin voltage
BS1, BS2
-0.3
VC1P/C2P
+ 5.5
V
VCORE_LIM
Limiting VCORE voltage
-0.3
5.5
V
VPIN_LIM
Limiting voltage at all pins
-0.3
VO_VCORE
+ 0.3
V
RTH
Thermal resistance
(junction to ambient θJA)
36.8
ºC/W
VESD_HBM
Electrostatic discharge
voltage
Human Body Model (HBM)
2
kV
Note 1
Stresses beyond those listed under absolute maximum ratings (Table 3) may cause permanent
damage to the device. These are stress ratings only, so functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specification are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
6
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
VDD = VBAT
5
7.4
10.5
V
IO_MAX_PVC_DC
PVC maximum
continuous output
current
8.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com