Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 10Page - Dialog Semiconductor DA9313 Datasheet HTML 11Page - Dialog Semiconductor DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor DA9313 Datasheet HTML 15Page - Dialog Semiconductor DA9313 Datasheet HTML 16Page - Dialog Semiconductor DA9313 Datasheet HTML 17Page - Dialog Semiconductor DA9313 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
14 of 54
© 2017 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
OFF mode
AUTOBOOT = 1
tEN
Time to ACTIVE from
POWER_DOWN mode
NONKEY_MODE= 1
after IC_EN asserted
NONKEY_DEBOUNCE =
001
500
µs
Note 1
PVC requires 5.0 V minimum setting for correct operation.
Note 2
Thermal thresholds are non-overlapping.
7.2
Internal Oscillator
Table 6: Internal Oscillator Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 5 V to 10.5 V
Parameter
Description
Conditions
Min
Typ
Max
Unit
fOSC
Internal oscillator frequency
6
MHz
fOSC_ACC
Internal oscillator frequency
accuracy
After trimming
-5
+5
%
7.3
Power Voltage Converter
Table 7: Power Voltage Converter Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 5 V to 10.5 V and
typical external components
Parameter
Description
Conditions
Min
Typ
Max
Uni
t
VDD
Supply voltage
VDD = VBAT (Note 1)
5.0
10.5
V
VO_PVC
Power voltage converter
output voltage
IOUT = 0
50
%
IO_MAX_PVC
Power voltage converter
maximum output current
10
A
ILIM_PVC
Power voltage converter
current limit
Configurable in 450 mA
steps (PVC_ILIM)
4.8
11.55
A
ILIM_ACC
Power voltage converter
current limit accuracy
IO = ILIM_PVC trimming
range
-20
+20
%
IO = 10 A
-10
+10
IALARM
Current alarm
80 %
ILIM_PVC
A
CFLY
External flying
capacitors
Nominal (Note 2)
2 * 47
µF
CO_PVC
External output
capacitors
Nominal
4.7
µF
CLOAD
External load capacitor
47
470
µF
CBS_PVC
External boot strap
capacitors 1 and 2
Nominal
10
nF
CIN_PVC
External decoupling
capacitor
Nominal
2 * 4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com