Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor DA9313 Datasheet HTML 15Page - Dialog Semiconductor DA9313 Datasheet HTML 16Page - Dialog Semiconductor DA9313 Datasheet HTML 17Page - Dialog Semiconductor DA9313 Datasheet HTML 18Page - Dialog Semiconductor DA9313 Datasheet HTML 19Page - Dialog Semiconductor DA9313 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
16 of 54
© 2017 Dialog Semiconductor
7.5
VDDIO
Table 9: VDDIO Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 5 V to 10.5 V
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDDIO
Internal VDDIO
voltage rail
Internally generated, no
external capacitor
Configurable via
VDDIO_CONF
1.5
1.8
3.3
V
VDDIO_ACC
Accuracy of internal
VDDIO voltage rail
-5
+5
%
7.6
Digital I/O Characteristics
Table 10: Digital I/O Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 5 V to 10.5 V, VDDIO
enabled
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIH_ONKEY
HIGH level input
voltage @ pin
nONKEY
1.1
V
VIL_ONKEY
LOW level input
voltage @ pin
nONKEY
0.4
V
VHYS_ONKEY
Hysteresis voltage
@
pin nONKEY
100
mV
RO_PU_GPO
Pull-up resistor @
GPO
24
k
Ω
RI_PD_GPI
Pull-down resistor
@ GPI
210
k
Ω
RI_PU_ONKEY
Pull-up resistor @
nONKEY
To VCORE
21
kΩ
VIH
GPI_0-1, SCL,
SDA,
Input HIGH voltage
0.7*VDDIO
V
VIL
GPI_0-1, SCL,
SDA,
Input LOW voltage
0.3*
VDDIO
V
VOH
GPO_0-1
Output HIGH
voltage
Push-pull mode
@1 mA
0.8*
(VCORE or
VDDIO)
V
VOL1
GPO_0-1, SDA,
Output LOW
voltage
@IOL = 1 mA
0.1
V
VOL3
SDA,
Output LOW
voltage
@IOL = 3 mA
0.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com