Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 23Page - Dialog Semiconductor DA9313 Datasheet HTML 24Page - Dialog Semiconductor DA9313 Datasheet HTML 25Page - Dialog Semiconductor DA9313 Datasheet HTML 26Page - Dialog Semiconductor DA9313 Datasheet HTML 27Page - Dialog Semiconductor DA9313 Datasheet HTML 28Page - Dialog Semiconductor DA9313 Datasheet HTML 29Page - Dialog Semiconductor DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
27 of 54
© 2017 Dialog Semiconductor
10.3 Power Voltage Converter
The high efficiency 2S to 1S power voltage converter (PVC) is capable of supplying multiple 1S
voltage rails with up to 10 A output current. The dual phase interleaved operation ensures an almost
constant input current, thereby highly improving the application design against noise.
10.3.1
PVC Output Voltage
The PVC can be configured via OTP or I
2C and outputs a non-regulated voltage which is nominally
half of the input voltage, in the case where no load is applied. When a current (IOUT) is drawn at the
VOUT node and the PVC is switching at frequency of fSW_PVC, the output voltage is determined as:
OUT
EQ
IN
OUT
I
R
V
V
2
Where:
● R
EQ is a function of the sum of all resistances in the input/output power path (including the power
device
’s on-resistance and the PCB routing resistance) as well as the switching frequency, C
FLY
and PCB parasitics.
● R
S is the sum of all resistances in the input/output power path (including the power devices on-
resistance and the PCB routing resistance).
● The switching frequency of the PVC, f
SW_PVC = 500 kHz. This has been pre-selected for optimized
and efficient operation.
The voltage ripple at VOUT can be first order approximated as the voltage drop due to the discharge of
the CFLY capacitor in half of the period at an fSW_PVC switching frequency, plus the discharge voltage
of the output VOUT capacitor during a typical 30 ns short dead time for phase switch. In addition, the
PVC provides an optional hardware enable/disable via selectable GPI, configured via the PVC_EN
register field, see section 10.2.1.1.
10.3.2
PVC Start-Up
The PVC can be OTP configured to enable on entry to ACTIVE mode and to run in automatic (mixed
DCM and CCM based on load sensing) or in fixed frequency (CCM). Alternatively the PVC can be
set to CCM in ACTIVE mode and to run in automatic in SLEEP mode. See section 10.3.3.
During PVC start-up, the PVC does not switch and the flying capacitors CFLY are connected in
parallel to the output capacitor CLOAD. An internal current source charges the capacitors up to a
voltage value close to the target average in normal operation. The internal current source can be
configured from 500 mA to 2 A via I_STUP_PVC.
At the end of the start-up phase the normal switching operation of the PVC is restored.
NOTE
A start-up phase with an output load greater than I_STUP_PVC will not be successful. The PVC has a ramp-up
timer which checks the ramp-up happens in approx. 20 ms. If the output voltage has not reached a value close
to VDD/2 at this time this indicates a failure condition and the regular switching is not started. This is reported as
PVC_RAMPUP in FAULT_LOG.
CAUTION
To avoid damage to the device, the PVC output must reach VDD/2 – 80 mV before a load greater than half of
I_STUP_PVC can be applied to its output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com