Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9313 Datasheet HTML 1Page - Dialog Semiconductor DA9313 Datasheet HTML 2Page - Dialog Semiconductor DA9313 Datasheet HTML 3Page - Dialog Semiconductor DA9313 Datasheet HTML 4Page - Dialog Semiconductor DA9313 Datasheet HTML 5Page - Dialog Semiconductor DA9313 Datasheet HTML 6Page - Dialog Semiconductor DA9313 Datasheet HTML 7Page - Dialog Semiconductor DA9313 Datasheet HTML 8Page - Dialog Semiconductor DA9313 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
1 of 54
© 2017 Dialog Semiconductor
General Description
DA9313 is a high-voltage power converter with a maximum output current of 10 A, suitable for
applications supplied from a dual (2S) Li-ion or Li-polymer stacked cell battery pack, or any input
voltage between 5 V and 10.5 V. The converter operates with efficiency during conversion of up to
98 %. Master/slave operation is offered, where a pair of devices can combine to double the peak
output current to 20 A.
Low profile external components and a minimum PCB footprint allow small circuit implementation in
compact applications. The pass devices are fully integrated therefore no external FETs are needed.
DA9313 utilizes a programmable soft start to limit the inrush current from the input node and secure
a slope controlled activation of the rails. It also implements integrated over-temperature and over-
current protection for increased system reliability without the need for external sensing components.
Enable, low power mode entry and exit, and power good signals are available at configurable ports
flexibly supporting different applications and power-up or power-down scenarios.
Key Features
■ 2S to 1S power voltage converter
■ 5 V to 10.5 V input voltage (2S Li-ion stacked
battery pack)
■ 10 A total output current (standalone)
■ 20 A total output current (master/slave)
■ 1.0 mm max external components height
■ Integrated power switches
■ I2C compatible interface
■ V
OUT = ½ VIN
■ High and flat efficiency, up to 98 %
■ Typical 55 μA quiescent current (standalone)
□ Typical 70 μA total quiescent current in
master/slave configuration
■ Package 43 WLCSP (RouteEasy™ equivalent
to 0.65 mm pitch)
Applications
■ Ultrabooks™
■ Notebook computers
■ Chromebooks™
■ Tablets
■ Smartphone direct charging
■ DSLR and mirrorless cameras
■ Camcorders
■ Power banks
■ 2S battery applications


Similar Part No. - DA9313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
DA9313 RENESAS-DA9313 Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
DA9313-XXVK2 RENESAS-DA9313-XXVK2 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
DA9313-XXVK2 RENESAS-DA9313-XXVK2  Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
DA9313-XXVK6 RENESAS-DA9313-XXVK6 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
More results

Similar Description - DA9313

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
National Semiconductor ...
LM2788 NSC-LM2788 Datasheet
372Kb / 12P
120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
logo
Silicon Mitus, Inc.
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com