Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 25Page - Dialog Semiconductor DA9313 Datasheet HTML 26Page - Dialog Semiconductor DA9313 Datasheet HTML 27Page - Dialog Semiconductor DA9313 Datasheet HTML 28Page - Dialog Semiconductor DA9313 Datasheet HTML 29Page - Dialog Semiconductor DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor DA9313 Datasheet HTML 32Page - Dialog Semiconductor DA9313 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
29 of 54
© 2017 Dialog Semiconductor
10.3.4
PVC Power Down
During PVC power down, the PVC does not switch and the flying capacitors CFLY are connected in
parallel to the output capacitor CLOAD. An internal pull-down is used to ensure the PVC is in a defined
start condition. When the output voltage drops below the threshold of 1 V, the PVC can accept a re-
start.
In master/slave configuration, power down is synchronized by the master/slave interface (MS_IF) in a
way where both devices connect the flying capacitors (CFLY) in parallel to the output capacitor (CLOAD)
at the same time. These capacitors are discharged by the master.
10.3.5
PVC Current Limit
The configurable integrated current limit is aimed to protect DA9313’s power stages and the external
components from excessive current.
When hitting the current limit ILIM_PVC (configured in PVC_ILIM) DA9313 enters FAULT RECOVERY.
DA9313 provides an indication that the system current is approaching the critical limit, before hitting
the current limit itself, allowing an active host processor to take some countermeasures.
When the warning threshold IALARM is reached the event E_PVC_OC_WARN is generated. The status
of the over-current alarm comparator can be read back on FAULT_LOG via the I
2C control interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com