Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor DA9313 Datasheet HTML 48Page - Dialog Semiconductor DA9313 Datasheet HTML 49Page - Dialog Semiconductor DA9313 Datasheet HTML 50Page - Dialog Semiconductor DA9313 Datasheet HTML 51Page - Dialog Semiconductor DA9313 Datasheet HTML 52Page - Dialog Semiconductor DA9313 Datasheet HTML 53Page - Dialog Semiconductor DA9313 Datasheet HTML 54Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
53 of 54
© 2017 Dialog Semiconductor
Revision History
Revision
Date
Description
1.0
04-Apr-2016
Initial release
1.1
04-May-2016
Addition of package drawing details and register maps
1.2
07-Jun-2016
Internal release
1.3
08-Jul-2016
Added functional description
1.4
11-Jul-2016
Corrected error in Section 10.1.2, GPIO_0 operates as the master/slave
interface (MS_IF) and is pulled down internally, not GPIO_1
1.5
01-Aug-2016
Minor changes
1.6
22-Aug-2016
Added note to PVC Characteristics table regarding maximum allowed
slew rate
Minor rewording change to SLEEP mode enable in section 11.4
2.0
18-Oct-2016
Changes made post evaluation phase:
Recommended Operating Conditions
● VPP removed
● IO_DC_PVC added
DC Characteristics
● VTH_HI_POR max increased to 4.7 V
VCORE Characteristics
● IO_VCORE added
PVC Characteristics
● Efficiency changed from typ 95 % to min 97 %
● ILIM_ACC range tightened
Addition to Note in section 10.3.2
Redesign of Pin Configuration Diagram (no pin placement changes)
2.1
09-Dec-2016
Added to Ordering Information.
2.2
24-Feb-2017
Updated Applications section
Updated Ordering Information
Updated RI_PD_GPI, RO_PU_GPO and RO_PU_GPI typical values
Change to definition of REQ in section 9.3.1 PVC Ouput Voltage
3.0
07-Apr-2017
Final production release No changes to descriptions or parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com