Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 39Page - Dialog Semiconductor DA9313 Datasheet HTML 40Page - Dialog Semiconductor DA9313 Datasheet HTML 41Page - Dialog Semiconductor DA9313 Datasheet HTML 42Page - Dialog Semiconductor DA9313 Datasheet HTML 43Page - Dialog Semiconductor DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
43 of 54
© 2017 Dialog Semiconductor
Bit
Mode
Symbol
Description
Reset
2:0
R/W
NONKEY_DEBOUN
CE
nONKEY signal debounce time:
000: no debounce
001: 0.125 ms
010: 1.0 ms
011: 10 ms
100: 30 ms
101: 250 ms
110: 500 ms
111: 750 ms
0x3
Table 23: MASK 0x09
Bit
Mode
Symbol
Description
Reset
7
R/W
-
Reserved
0x0
6
R/W
M_TEMP_WARN
Mask for thermal warning event TEMP_WARN
0x0
5
R/W
M_VBAT_WARN
Mask for under voltage warning event
E_VBAT_WARN
0x0
4
R/W
M_nONKEY
Mask for nONKEY event E_nONKEY
0x0
3
R/W
M_PVC_OC_WARN
Mask for PVC current warning event
E_PVC_OC_WARN
0x0
2
R/W
M_PVC_PG
Mask for power good loss at PVC event
E_PVC_PG
0x0
1
R/W
M_GPI_1
Mask for GP1_1 event E_GPI_1
0x0
0
R/W
M_GPI_0
Mask for GP1_0 event E_GPI_0
0x0
Table 24: STATUS 0x0A
Bit
Mode
Symbol
Description
Reset
7
R
PVC_OC_WARN
Asserted as long as the PVC current reached the
alarm threshold
0x0
6
R
TEMP_WARN
Asserted as long as the thermal warning threshold
is reached
0x0
5
R
VBAT_WARN
Asserted as long as the battery under voltage
warning is reached
0x0
4
R/W
Reserved
0x0
3
R
nONKEY
Asserted as long nONKEY is pressed (low level)
0x0
2
R
PVC_PG
Asserted as long as the PVC output voltage is in
range
0x0
1
R
GPI_1
GPI_1 Level
0x0
0
R
GPI_0
GPI_0 Level
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com