Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 28Page - Dialog Semiconductor DA9313 Datasheet HTML 29Page - Dialog Semiconductor DA9313 Datasheet HTML 30Page - Dialog Semiconductor DA9313 Datasheet HTML 31Page - Dialog Semiconductor DA9313 Datasheet HTML 32Page - Dialog Semiconductor DA9313 Datasheet HTML 33Page - Dialog Semiconductor DA9313 Datasheet HTML 34Page - Dialog Semiconductor DA9313 Datasheet HTML 35Page - Dialog Semiconductor DA9313 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
32 of 54
© 2017 Dialog Semiconductor
Control bit
Block
PVC_DIS_SL
PVC enable control, in SLEEP mode:
0: no change
1: PVC disabled
The PVC is disabled
PVC_EN setting is overwritten (old value restored at the exit of SLEEP mode)
VDDIO_DIS_SL
Control VDDIO supply enable, in SLEEP mode:
0: no change
1: VDDIO rail disabled. IOs supplied from VCORE
11.5 FAULT RECOVERY Mode
DA9313 responds to critical under-voltage, over-current, and over-temperature conditions and safely
power cycles the device through FAULT RECOVERY mode. Fault events are captured in the
FAULT_LOG register for host interrogation on reboot and warning levels generate maskable interrupt
events.
FAULT RECOVERY is a temporary mode and is automatically entered and exited depending on fault
condition presence. DA9313 enters FAULT RECOVERY mode from ACTIVE or SLEEP mode. In
POWER_DOWN mode there is no supervision therefore FAULT RECOVERY mode cannot be
entered.
The device waits for a configurable FAULT_TIME, when the PVC is disabled, to ensure discharge of
all critical nodes in the application before any attempt to reboot. DA9313 automatically exits FAULT
RECOVERY mode when the fault condition has expired.
The FAULT_LOG register can be reset by a register write of 1 to the appropriate register bit.
11.5.1
Input Under-Voltage
VBAT voltage is continuously sensed, except in RESET and POWER_DOWN modes, by dedicated
analog circuitry based on two configurable levels: a warning level, VTH_WARN and a shutdown level,
VTH_UVLO_VDD.
The upper comparator triggers a warning if VBAT drops below VTH_WARN. The lower comparator
triggers a fault condition if VBAT drops below VTH_UVLO_VDD.
The VTH_UVLO_VDD voltage threshold is configurable and can be set via VBAT_UV_CRIT_THRSH from
4.6 V to 6.15 V (5.0 V default) in steps of 50 mV.
The VHYST_UVLO_VDD hysteresis can be also be configured via VBAT_UV_HYS from 50 mV to 400 mV
(200 mV default) in steps of 50 mV.
The VTH_WARN voltage threshold is configurable and can be set via VBAT_UV_WARN from 5.2 V to
6.6 V in steps of 200 mV.
To reduce the current consumption of the block only the warning comparator is permanently on, the
shutdown comparator is enabled on demand in the interval where VBAT is below the warning
threshold.
The critical under voltage threshold comparator is also debounced, this guarantees that short spikes
do not trigger the application power-down.
When the warning comparator triggers, the status bit VBAT_WARN is asserted and the event
E_VBAT_WARN is generated. If not masked via M_VBAT_WARN, the output port nIRQ is asserted
(providing a GPIO is configured as nIRQ). The host processor is then informed that the input voltage
level is close to critical and it can take action such as powering down the application.
If the input voltage keeps dropping and the shutdown comparator is triggered the PVC is disabled
and the VBAT_UV_CRIT bit is asserted in FAULT_LOG. When the VBAT voltage recovers over
VTH_UVLO_VDD + VHYST_UVLO_VDD, DA9313 enters ACTIVE mode after having performed an OTP read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com